Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA430 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BGA430
Description  A 35 dB Gain-Sloped LNB I.F. Amplifier for Direct Broadcast Satellite Television Applications using the BGA430 & BGB540 Silicon MMICs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA430 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BGA430 Datasheet HTML 1Page - Infineon Technologies AG BGA430 Datasheet HTML 2Page - Infineon Technologies AG BGA430 Datasheet HTML 3Page - Infineon Technologies AG BGA430 Datasheet HTML 4Page - Infineon Technologies AG BGA430 Datasheet HTML 5Page - Infineon Technologies AG BGA430 Datasheet HTML 6Page - Infineon Technologies AG BGA430 Datasheet HTML 7Page - Infineon Technologies AG BGA430 Datasheet HTML 8Page - Infineon Technologies AG BGA430 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AN 074 Rev E
2 / 24
19-November-2002
Applications Note No. 074
Silicon Discretes
2. Description of BGA430 and BGB540
The BGA430 is a three-stage, 50 ohm, internally
matched, unconditionally stable MMIC fabricated
in Infineon’s well-proven, consistent and cost-
effective 25 GHz transition frequency (fT) B6HF
bipolar process.
The BGA430 only requires
three external elements – input / output DC
blocking capacitors, and a single decoupling
capacitor on the power supply pin. Depending
on
the
particular
LNB
performance
requirements, the BGA430 may be used as a
stand-alone I.F. amplifier block, or together with
the BGB540.
The BGB540 is an unmatched, active-biased RF
transistor produced in the 45 GHz fT B6Hfe
bipolar process. B6Hfe, derived from B6HF, is a
more advanced process with higher achievable
gains and lower noise figures. BGB540 uses an
internal current mirror for DC biasing.
This
approach achieves some reduction in external
component count due to elimination of a number
of external DC bias circuit elements, while still
preserving the flexibility inherent in a fully
discrete transistor. The device bias current may
be adjusted via a single external resistor.
Furthermore, the internal current-mirror, being
located on the same chip as the RF transistor
cell, has excellent “thermal tracking” of the RF
transistor cell, providing for a more stable DC
operating point over temperature. The BGB540
preserves the cost-advantages of the simple 4-
pin industry-standard SOT343 package.
A block diagram and package drawing for the
BGA430 and BGB540 are given in Figures 1 &
2, respectively. Note that for the BGB540, the
emitter areas of the current-mirror transistor cell
and the RF transistor cell are in the ratio of 1:10.
To set DC bias current for the BGB540, one
injects a current into pin 4, and the current
drawn by the RF transistor cell is 10 times the
current injected into pin 4, by virtue of the
current-mirror principle. The simplest DC bias
configuration for BGB540 involves using just a
single resistor between the power supply and
pin 4 – no RF choke or decoupling capacitor is
required on pin 4. The value of this bias resistor
– referred to as “ RBIAS “ – required for a given
device current can be determined from curves
given in the BGB540 datasheet.
For lower
operating currents, the value of RBIAS becomes
large, and therefore RBIAS in series with the
power supply voltage behaves as a near-ideal
constant-current
source.
Otherwise,
the
BGB540 is treated like a standard RF transistor,
with the normal procedures for impedance
matching, stability analysis, etc. being used.
Figure 1. BGA430 Block Diagram and
Package (SOT363).
Figure 2. BGB540 Block Diagram and
Package (SOT343).
3. General DBS System Information
A generic block diagram of a Direct Broadcast
Satellite
Low
Noise
Block
Amplifier
/
Downconverter (LNB) is given in Figure 3 on
page 3. LNBs produced for the Direct Broadcast
Satellite consumer electronics market are
extraordinarily cost-sensitive, and cost issues
are usually the primary consideration in the LNB
design process.
A broadcast signal in the 12 GHz range is
transmitted from an orbiting satellite towards the
Earth’s surface. There are two orthogonal parts
Base
Pin 1
1/10 BFP540
BFP540
Bias
Pin 4
C
Pin 3
Emitter
Pin 2
BGB 540 B6HFe
V
CE MAX = 4.5 V
I
C MAX = 80 mA
5
GND1
4
GND2
6
RFin
2
GND1
3
RFout
1
Vcc
Bias
BGA430 (B6HF) V
MAX = 6.5 V,
I
MAX = 35 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com