Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA430 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BGA430
Description  A 35 dB Gain-Sloped LNB I.F. Amplifier for Direct Broadcast Satellite Television Applications using the BGA430 & BGB540 Silicon MMICs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA430 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BGA430 Datasheet HTML 1Page - Infineon Technologies AG BGA430 Datasheet HTML 2Page - Infineon Technologies AG BGA430 Datasheet HTML 3Page - Infineon Technologies AG BGA430 Datasheet HTML 4Page - Infineon Technologies AG BGA430 Datasheet HTML 5Page - Infineon Technologies AG BGA430 Datasheet HTML 6Page - Infineon Technologies AG BGA430 Datasheet HTML 7Page - Infineon Technologies AG BGA430 Datasheet HTML 8Page - Infineon Technologies AG BGA430 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AN 074 Rev E
3 / 24
19-November-2002
Applications Note No. 074
Silicon Discretes
of the composite signal – a vertically polarized
component,
and
a
horizontally
polarized
component. The two polarizations enable more
efficient use of the available bandwidth and
power.
(The isolation between “vertical” and
“horizontal” radio signals permits a greater
number of channels to be simultaneously
broadcast within the available bandwidth than
would otherwise be expected.) The satellite’s
transmitted signal is received by an earth-based
antenna like that shown in the photo on page 1.
The signal is focused by the parabolic “dish”
antenna onto a waveguide integrated into the
LNB.
The received signal travels a short
distance down the waveguide until reaching a
waveguide-to-microstripline
transition
that
carries the signal onto the LNB circuit board
assembly.
The LNB must be able to receive channels on
both the vertically and horizontally polarized
signals – and one way to do this is to have
essentially two different receiver front-ends as
shown in Figure 3 below.
Various approaches and switching schemes are
employed in different LNB designs to enable the
end user(s) to select between channels riding on
either the horizontally or vertically polarized
signals. Each approach has its own unique cost
and performance trade-offs.
Optimizing LNB
architectures
to
achieve
performance
requirements while continuously reducing cost
as new, higher-performance and lower cost
semiconductor devices become available is a
challenging task.
A
further
complication
to
the
switching
requirements is added if one wishes to have a
“dual output LNB” – e.g. an LNB that can drive
two different set-top boxes and television sets
simultaneously, allowing each TV to display a
different channel. (“Quad output” LNBs are also
available). One possible switching scheme for a
“single output LNB” is shown in Figure 3. Note
that the vertical / horizontal switching is done at
the I.F. Amplifier block.
The BGA430 and
BGB540 are shown in the shaded I.F. Amplifier
section.
Figure 3. Generic Block Diagram, "Single Output" Direct
Broadcast Satellite Television Block Downconverter (DBS LNB)
LNA
LNA
LNA
LNA
Horizontal
Polarization
Vertical
Polarization
BPF
BPF
Switch
BPF
Mixer
(Passive or Active)
Intermediate Frequency ("I.F.")
950 - 1450 MHz (North America)
950 - 2150 MHz (Europe, Asia)
IF Amp
IF Amp
75 ohm Coaxial Cable
To Set-Top Box
(75 ohm system)
RG-6, RG-6/U
BGA430 + BGB540
I.F. Amplifier
"Set Top Box"
(Channel Selector,
Demodulator, etc.)
Audio + Video
to TV set
LNB
(Components in Shaded Area)
Mixer
(Passive or Active)
4
Approximate Gain, dB =>
Approximate Noise Figure, dB =>
10
0.5
12
0.7
-1.5
1.5
-10 to +8
7 to 12
- 4
30 to 45
3 to 7
U.S., Japan, Korea,
Latin America
11.45 - 12.75 GHz
(depending on region)
Europe
10.7 - 12.75 GHz
(Two L.O.'s required for
full coverage)
U.S., Japan, Korea,
Latin America:
in 10.5 - 11.25 GHz range
Europe:
10.6 GHz or
9.75 + 10.6 GHz
(dual DRO)
Local Oscillator
(DRO)
Cascaded Gain: approximately 55 - 60 dB; Cascaded Noise Figure: approximately 1 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com