Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA430 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BGA430
Description  A 35 dB Gain-Sloped LNB I.F. Amplifier for Direct Broadcast Satellite Television Applications using the BGA430 & BGB540 Silicon MMICs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA430 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BGA430 Datasheet HTML 1Page - Infineon Technologies AG BGA430 Datasheet HTML 2Page - Infineon Technologies AG BGA430 Datasheet HTML 3Page - Infineon Technologies AG BGA430 Datasheet HTML 4Page - Infineon Technologies AG BGA430 Datasheet HTML 5Page - Infineon Technologies AG BGA430 Datasheet HTML 6Page - Infineon Technologies AG BGA430 Datasheet HTML 7Page - Infineon Technologies AG BGA430 Datasheet HTML 8Page - Infineon Technologies AG BGA430 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
AN 074 Rev E
1 / 24
19-November-2002
Applications Note No. 074
Silicon Discretes
A 35 dB Gain-Sloped LNB I.F. Amplifier for Direct Broadcast Satellite
Television Applications using the BGA430 & BGB540 Silicon MMICs
• Gain = 32 – 37 dB from 950 – 2150 MHz (positive gain slope)
• Low Power Consumption: 40mA at +5.0 Volts
• Exceptionally low Noise Figure: less than 3 dB
• Low Cost, Low Parts Count
• High Reverse Isolation
• Output Compression point: +1 dBm minimum
(May be increased with higher DC bias level)
• Suitable for European, Asian & North American DBS
LNB I.F. Amplifier Chains for 950 – 1450 and 950 – 2150 MHz
1. Overview
Infineon’s BGA430 Broad Band High Gain
Low Noise Amplifier and BGB540 Active
Biased
Transistor
are
shown
in
an
Intermediate-Frequency
(“I.F.”)
amplifier
application targeted for the I.F. chains of
European, Asian and North American Direct-
Broadcast Satellite (DBS) Low Noise Block
Amplifier / Downconverters (LNBs).
A summary of key performance parameters for
the complete LNB I.F. Amplifier is given in Table
1 to the right.
The reader is referred to
Appendix A on page 21 for complete electrical
data including minimum, maximum, mean value,
and standard deviation for the lot of Printed
Circuit Boards (PCBs) tested. Appendix B on
page 22 gives information on performance over
the –40 to +85 °C temperature range.
Section 2 of this applications note provides a
brief description of the BGA430 and BGB540
MMICs. Section 3 gives some general Direct
Broadcast Satellite system information, and is
included to provide a general background.
Section 4 provides details on the PC Board
used, including photos, a Bill of Material (BOM)
and a PCB cross-sectional diagram. Section 5
describes using the BGA430 MMIC as a stand-
alone DBS I.F. Amplifier block, and covers
design issues unique to BGA430. Section 6
addresses the question “why might one want a
positive gain slope I.F. Amplifier” and Section 7
gives measurement results on the complete
gain-sloped amplifier using both BGA430 &
BGB540.
Table 1.
Typical performance for the
complete
BGA430+BGB540
LNB
I.F.
Amplifier.
Conditions: Temperature=25
°C, V=5.0 Volts, n=25 units,
ZS=ZL=50Ω, network analyzer source power = -40 dBm
Parameter
Frequency, MHz
950
1450
2150
Input Return Loss, dB
26.0
27.3
12.0
Gain, dB
33.0
37.2
37.2
Reverse Isolation, dB
>50
>50
>50
Output Return Loss, dB
13.7
13.4
13.1
Noise Figure, dB
2.4
2.4
2.6
Output P1dB, dBm
+1.7
+4.9
+7.9
Input IP3, dBm
-20.8
-22.5
-18.9
Please note that the reference planes for all
measurement data shown in Table 1 are at the
PC board’s SMA RF connectors; e.g. no PCB
loss is extracted from the numbers given.


Similar Part No. - BGA430

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA416 INFINEON-BGA416 Datasheet
88Kb / 8P
RF Cascode Amplifier
June 2002
BGA416 INFINEON-BGA416_08 Datasheet
288Kb / 8P
RF Cascode Amplifier
Rev. 2.1, April 2008
logo
Siemens Semiconductor G...
BGA420 SIEMENS-BGA420 Datasheet
38Kb / 6P
Si-MMIC-Amplifierin SIEGET 25-Technologie (Cascadable 50 廓-gain block Unconditionally stable)
logo
Infineon Technologies A...
BGA420 INFINEON-BGA420 Datasheet
139Kb / 6P
Si-MMIC-Amplifier in SIEGET 25-Technologie
Jan-29-2002
BGA420 INFINEON-BGA420 Datasheet
166Kb / 8P
Si-MMIC-Amplifier in SIEGET 25-Technologie
2007-07-12
More results

Similar Description - BGA430

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3685ER SONY-CXA3685ER Datasheet
368Kb / 23P
Direct Conversion IC for Digital Satellite Broadcast Tuner
logo
NXP Semiconductors
TFF1004HN NXP-TFF1004HN Datasheet
155Kb / 19P
Integrated mixer oscillator PLL for satellite LNB
Rev. 01-25 August 2008
BGR269 NXP-BGR269 Datasheet
98Kb / 8P
200 MHz, 35 dB gain reverse amplifier
Rev. 6-5 August 2010
logo
STMicroelectronics
STVVGLNA STMICROELECTRONICS-STVVGLNA Datasheet
79Kb / 4P
General-purpose, variable-gain, low-noise, RF amplifier for broadcast receiver applications
01-Jun-2011
logo
Texas Instruments
UCC3895EVM TI-UCC3895EVM Datasheet
1Mb / 19P
Using the UCC3895 in a Direct Control Driven Synchronous Rectifier Applications
logo
Renesas Technology Corp
ISL9491 RENESAS-ISL9491 Datasheet
663Kb / 14P
Single Output LNB Supply Voltage Regulator for Satellite Set-Top Box Applications
logo
NXP Semiconductors
TFF1012HN NXP-TFF1012HN Datasheet
138Kb / 12P
Integrated mixer oscillator PLL for satellite LNB
Rev. 1-10 October 2013
TFF1013HN NXP-TFF1013HN Datasheet
342Kb / 13P
Integrated mixer oscillator PLL for satellite LNB
Rev. 1-11 September 2013
TFF1018HN NXP-TFF1018HN Datasheet
433Kb / 12P
Integrated mixer oscillator PLL for satellite LNB
Rev. 2-7 December 2011
TFF1024HN NXP-TFF1024HN Datasheet
190Kb / 16P
Integrated mixer oscillator PLL for satellite LNB
Rev. 1-13 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com