Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA430 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # BGA430
Description  A 35 dB Gain-Sloped LNB I.F. Amplifier for Direct Broadcast Satellite Television Applications using the BGA430 & BGB540 Silicon MMICs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA430 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button BGA430 Datasheet HTML 16Page - Infineon Technologies AG BGA430 Datasheet HTML 17Page - Infineon Technologies AG BGA430 Datasheet HTML 18Page - Infineon Technologies AG BGA430 Datasheet HTML 19Page - Infineon Technologies AG BGA430 Datasheet HTML 20Page - Infineon Technologies AG BGA430 Datasheet HTML 21Page - Infineon Technologies AG BGA430 Datasheet HTML 22Page - Infineon Technologies AG BGA430 Datasheet HTML 23Page - Infineon Technologies AG BGA430 Datasheet HTML 24Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AN 074 Rev E
22 / 24
19-November-2002
Applications Note No. 074
Silicon Discretes
Appendix B. Performance of LNB I.F. Amplifier over –40 to +85 °C Temperature Range.
Temperature Test, BGA430 + BGB540 LNB IF Amp, PCB=430-051802 Rev B, -40 to +85 C
Overall Impression:
Good stability of DC operating point over temperature for both BGA430 and BGB540. No
abnormal “peaking” or oscillatory behavior observed for BGA430 at –40 C. Input and Output
match does deteriorate to worse than 10 dB return loss in some cases (see yellow highlights) but
this issue could be remedied with component value tuning on PCB, etc.
Summary Of Data, Stand-Alone BGA430 (e.g. single – MMIC LNB IF Amp Solution)
Temperature
Frequency
MHz
dB[s11]2
dB[s21]2
dB[s12]2
dB[s22]2
Current,
mA
-40 C
950
12.1
33.3
>40
9.8
-40 C
1450
9.4
33.5
40
8.9
22.5
-40 C
2150
8.5
29.3
40
13.0
+25 C
950
17.7
32.7
>40
10.2
+25 C
1450
19.2
32.5
>40
9.1
21.8
+25 C
2150
12.5
27.9
>40
13.2
+85 C
950
16.7
32.2
>40
11.0
+85 C
1450
17.8
31.5
>40
9.2
21.1
+85 C
2150
11.5
26.6
>40
13.3
Summary Of Data, BGA430 + BGB540 --- Complete two MMIC IF Amp
Temperature
Frequency
MHz
dB[s11]2
dB[s21]2
dB[s12]2
dB[s22]2
Current,
mA
-40 C
950
25.2
33.7
>50
13.0
-40 C
1450
14.0
37.8
>50
13.0
39.3
-40 C
2150
7.5
38.8
>50
12.0
+25 C
950
21.8
32.3
>50
13.6
+25 C
1450
29.9
36.4
>50
13.7
38.5
+25 C
2150
13.6
37.2
≈46
12.4
+85 C
950
15.3
31.1
>50
14.3
+85 C
1450
13.4
35.1
>50
15.7
37.7
+85 C
2150
12.7
35.4
>50
11.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com