Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA430 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BGA430
Description  A 35 dB Gain-Sloped LNB I.F. Amplifier for Direct Broadcast Satellite Television Applications using the BGA430 & BGB540 Silicon MMICs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA430 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BGA430 Datasheet HTML 3Page - Infineon Technologies AG BGA430 Datasheet HTML 4Page - Infineon Technologies AG BGA430 Datasheet HTML 5Page - Infineon Technologies AG BGA430 Datasheet HTML 6Page - Infineon Technologies AG BGA430 Datasheet HTML 7Page - Infineon Technologies AG BGA430 Datasheet HTML 8Page - Infineon Technologies AG BGA430 Datasheet HTML 9Page - Infineon Technologies AG BGA430 Datasheet HTML 10Page - Infineon Technologies AG BGA430 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AN 074 Rev E
7 / 24
19-November-2002
Applications Note No. 074
Silicon Discretes
reverse isolation. Note that all of these results
are taken in a 50 ohm system, and that results in
a 75 ohm system will differ slightly.
Circuit Design Issues Relevant to BGA430:
1) proper device grounding !!
2) proper bypassing of the VCC pin !
The BGA430 is an extremely high gain device
(>30 dB @ 1 GHz) contained within a single
SMT package. As a result, casual or sloppy
PCB layout techniques which add undesired
parasitic inductance between BGA430 ground
leads and PCB ground plane will add enough
feedback to adversely alter the BGA430’s gain
and return loss.
In cases of extremely poor
grounding, sufficient feedback will be present to
enable either gain “peaking” or even an
oscillation. In addition, the VCC pin (Pin 1) needs
to be bypassed with a capacitor that, with its
self-inductance
taken
into
account,
approximates a short-circuit in the 1 to 2 GHz
range. Generally a 0603 or 0402 case-size chip
capacitor in the range of 15 – 22 pF is sufficient.
A photo of a bare I.F. Amp PC board is shown in
Figure 10, with a close-in view of the BGA430
mounting area. Note that seven (7) ground vias
are provided for the BGA430 ground pins,
including three ground vias located immediately
underneath the device. Note the two ground
holes provided for the bypass capacitor C2
(22pF) on the BGA430 VCC pin, and the close
proximity of C2 to the VCC pin.
To summarize:
• The user must avoid any additional parasitic
ground inductance between BGA430 ground
pins and PCB ground plane.
A sufficient
number of ground vias need to be provided
and these vias should be placed as close to
the BGA430 as possible.
• BGA430 VCC pin (Pin 1) must be bypassed
carefully, and the bypass capacitor used
must have its “cold” side well-grounded.
If these two suggestions are carefully followed, a
low-cost, single device solution may be used for
some I.F. amplifier designs, requiring only 3
external elements.
Figure 10. BGA430 Mounting Position on PC
Board.
Compare unpopulated (above) to
populated (below) PCB images.
Note
locations and number of ground vias near
BGA430 MMIC. Pin 1 (VCC) is pad at lower left.
It needs to be pointed out that the BGA430 is
designed to operate at a nominal supply voltage
of +5 volts, with a current draw of approximately
23mA. However, if a higher output compression
point is desired, the BGA430 may be safely run
up to 6.5 volts, and maximum safe current is
35mA. If an adjustable output voltage regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com