Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA430 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # BGA430
Description  A 35 dB Gain-Sloped LNB I.F. Amplifier for Direct Broadcast Satellite Television Applications using the BGA430 & BGB540 Silicon MMICs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA430 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button BGA430 Datasheet HTML 9Page - Infineon Technologies AG BGA430 Datasheet HTML 10Page - Infineon Technologies AG BGA430 Datasheet HTML 11Page - Infineon Technologies AG BGA430 Datasheet HTML 12Page - Infineon Technologies AG BGA430 Datasheet HTML 13Page - Infineon Technologies AG BGA430 Datasheet HTML 14Page - Infineon Technologies AG BGA430 Datasheet HTML 15Page - Infineon Technologies AG BGA430 Datasheet HTML 16Page - Infineon Technologies AG BGA430 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AN 074 Rev E
13 / 24
19-November-2002
Applications Note No. 074
Silicon Discretes
Figure 20. Insertion loss of 30.4 meter / 100 foot section of 75 ohm coaxial cable. Measurement
system impedance is 50 ohms. Gain slope for this section is -3.55 dB / GHz.
CH1
S 21
log MAG
1 dB/
REF -9 dB
START 900.000 000 MHz
STOP 2 200.000 000 MHz
Cor
Avg
8
Smo
Del
PRm
REFERENCE VALUE
-9 dB
31 Jul 2002 10:33:48
1
2
3
2_:-11.134 dB
1 450.000 000 MHz
1_:-9.281 dB
950 MHz
3_:-13.537 dB
2.15 GHz
Table 3. Return Loss & Insertion Loss vs.
Frequency, 15.2 m / 50 ft and 30.4 m / 100 ft
sections of 75 ohm coaxial cable.
Cable
Length
m / ft
Parameter
Frequency, MHz
950
1450
2150
15.2 / 50
Input Return Loss, dB
17.1
19.6
14.9
15.2 / 50
Insertion Loss, dB
-4.1
-4.9
-6.0
30.4 / 100
Input Return Loss, dB
18.7
19.2
16.0
30.4 / 100
Insertion Loss, dB
-9.3
-11.1
-13.5
7. Complete Gain-Sloped LNB I.F. Amplifier
with both BGA430 & BGB540 MMICs
The basic approach taken for the complete I.F.
Amp was to create a positive gain slope (gain
increases with increasing frequency) via use of a
simple, low-cost High Pass Filter (HPF) between
the BGA430 and BGB540 MMICs. The HPF
between the two MMICs has the effect of
reducing the overall amplifier gain below the
filter’s cutoff frequency, allowing one to achieve
a positive gain slope.
Please refer to the
Schematic Diagram, Figure 8 on page 6. Shunt
inductor L1 and series capacitor C4 form a high-
pass filter with a 3 dB corner frequency near
1860 MHz. Computer simulation in Eagleware’s
GENESYSpackage, which includes filter
synthesis tools, permitted fast and easy design
optimization for the best overall amplifier gain
response. To give the reader an idea of the
interstage high pass filter’s shape, please refer
to Figure 21 on the next page. This is a plot of
simulated filter insertion loss and return loss
which was exported from GENESYS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com