Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA430 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # BGA430
Description  A 35 dB Gain-Sloped LNB I.F. Amplifier for Direct Broadcast Satellite Television Applications using the BGA430 & BGB540 Silicon MMICs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA430 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button BGA430 Datasheet HTML 16Page - Infineon Technologies AG BGA430 Datasheet HTML 17Page - Infineon Technologies AG BGA430 Datasheet HTML 18Page - Infineon Technologies AG BGA430 Datasheet HTML 19Page - Infineon Technologies AG BGA430 Datasheet HTML 20Page - Infineon Technologies AG BGA430 Datasheet HTML 21Page - Infineon Technologies AG BGA430 Datasheet HTML 22Page - Infineon Technologies AG BGA430 Datasheet HTML 23Page - Infineon Technologies AG BGA430 Datasheet HTML 24Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AN 074 Rev E
21 / 24
19-November-2002
Applications Note No. 074
Silicon Discretes
Appendix A. Data on 25 LNB I.F. Amplifier Circuit Boards, 430-051802 Rev B, taken randomly
from a lot of 40 units. All data taken at room temperature (25°C).
Board
S/N
dB[s11]
2
dB[s21]
2
dB[s22]
2
Noise Figure, dB
Output 1dB
Compression Point,
dBm
Current
Consumption
mA
950
MHz
1450
MHz
2150
MHz
950
MHz
1450
MHz
2150
MHz
950
MHz
1450
MHz
2150
MHz
950
MHz
1450
MHz
2150
MHz
950
MHz
1450
MHz
2150
MHz
001
25.9
18.4
10.2
32.9
37.6
37.3
13.4
13.2
13.4
2.3
2.3
2.5
+1.5
+4.7
+7.7
40.0
002
26.2
31.9
12.2
32.7
36.8
37.2
13.2
13.2
13.2
2.5
2.5
2.6
+1.7
+4.7
+8.0
40.3
003
27.2
30.8
13.4
32.9
37.0
37.0
13.2
12.9
12.9
2.4
2.4
2.5
+1.9
+5.0
+8.1
40.8
004
26.1
25.8
11.4
33.1
37.4
37.4
13.3
12.8
12.6
2.3
2.3
2.5
+1.9
+4.9
+8.0
41.0
007
26.7
22.5
12.1
33.0
37.2
37.2
13.3
13.1
13.0
2.3
2.4
2.5
+1.7
+4.7
+7.9
40.8
009
27.0
28.1
12.1
32.7
36.9
37.0
13.4
13.3
13.0
2.3
2.4
2.5
+1.5
+6.8
+7.8
39.9
010
25.3
22.5
11.5
33.0
37.4
37.3
13.3
12.8
12.6
2.9
3.1
3.3
+1.6
+4.8
+7.9
40.7
011
24.1
38.1
11.9
33.0
37.2
37.0
13.5
13.6
13.3
2.3
2.4
2.5
+1.8
+5.0
+8.0
40.5
012
27.1
29.1
12.3
32.7
36.7
37.2
13.4
13.2
13.0
2.2
2.3
2.4
+1.7
+4.9
+8.2
40.9
013
24.6
30.2
12.6
32.8
36.9
36.8
13.6
13.4
12.9
2.3
2.4
2.5
+1.2
+4.2
+7.4
39.4
014
26.2
29.4
11.9
32.8
36.8
37.1
13.2
12.9
12.9
2.4
2.4
2.5
+1.6
+5.0
+7.9
40.2
015
25.0
33.4
12.6
32.7
36.7
36.7
13.2
12.7
12.5
2.4
2.4
2.5
+1.7
+4.9
+7.9
40.7
016
26.9
22.9
11.6
33.1
37.5
37.6
13.3
13.3
13.1
2.3
2.3
2.4
+2.0
+5.3
+8.2
41.4
017
26.3
25.3
12.6
33.1
37.5
37.4
13.7
13.7
14.1
2.3
2.4
2.5
+1.4
+4.5
+7.7
39.7
019
27.0
24.4
11.7
32.8
37.2
37.1
13.5
13.2
12.9
2.3
2.3
2.5
+1.7
+4.7
+7.8
40.4
022
27.4
25.9
13.0
32.9
37.1
37.3
13.2
12.8
13.1
2.3
2.4
2.5
+1.7
+4.8
+7.8
40.5
023
24.4
28.1
12.7
34.1
38.2
37.8
21.8
19.8
15.9
2.4
2.4
2.6
+2.9
+5.1
+7.7
40.6
027
26.2
32.6
13.0
32.7
36.7
36.9
13.0
12.7
12.6
2.6
2.7
2.8
+1.7
+4.8
+7.9
40.6
028
27.6
27.5
12.5
33.1
37.2
37.2
13.7
13.5
12.7
2.3
2.4
2.5
+1.7
+4.7
+7.8
40.3
029
27.9
23.7
11.1
33.2
37.7
37.6
13.5
13.5
13.8
2.4
2.4
2.5
+2.0
+5.1
+8.2
40.4
031
25.5
32.4
11.5
32.5
36.8
37.4
13.4
13.4
13.1
2.8
3.0
3.1
+1.6
+4.6
+7.9
40.0
033
25.6
23.0
11.7
32.8
37.2
37.3
13.0
12.9
13.2
2.3
2.3
2.5
+1.7
+4.8
+7.9
40.7
036
23.9
19.5
11.2
33.4
37.8
37.3
13.8
13.5
12.8
2.3
2.3
2.5
+1.6
+4.7
+7.9
40.6
037
24.7
33.1
12.4
32.8
36.9
37.0
13.4
13.2
12.7
2.3
2.4
2.5
+1.6
+4.6
+7.8
40.1
038
25.6
23.0
11.8
33.4
37.7
37.5
13.2
13.3
13.1
2.3
2.3
2.4
+2.0
+5.1
+8.2
41.2
⇓
⇓
⇓
⇓
⇓
⇓
⇓
⇓
⇓
⇓
⇓
⇓
⇓
⇓
⇓
⇓
Min
23.9
18.4
10.2
32.5
36.7
36.7
13.0
12.7
12.5
2.2
2.3
2.4
+1.2
+4.2
+7.4
39.4
Max
27.9
38.1
13.4
34.1
38.2
37.8
21.8
19.8
15.9
2.8
3.1
3.3
+2.9
+6.8
+8.2
41.4
Mean
26.0
27.3
12.0
33.0
37.2
37.2
13.7
13.4
13.1
2.4
2.4
2.6
+1.7
+4.9
+7.9
40.5
Std.
Dev.
σn
1.11
4.75
0.69
0.32
0.39
0.25
1.67
1.33
0.67
0.16
0.20
0.20
0.30
0.45
0.18
0.45
Note: Population Standard Deviation is used (
σn), not sample standard deviation (σn-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com