Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA430 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BGA430
Description  A 35 dB Gain-Sloped LNB I.F. Amplifier for Direct Broadcast Satellite Television Applications using the BGA430 & BGB540 Silicon MMICs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA430 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BGA430 Datasheet HTML 1Page - Infineon Technologies AG BGA430 Datasheet HTML 2Page - Infineon Technologies AG BGA430 Datasheet HTML 3Page - Infineon Technologies AG BGA430 Datasheet HTML 4Page - Infineon Technologies AG BGA430 Datasheet HTML 5Page - Infineon Technologies AG BGA430 Datasheet HTML 6Page - Infineon Technologies AG BGA430 Datasheet HTML 7Page - Infineon Technologies AG BGA430 Datasheet HTML 8Page - Infineon Technologies AG BGA430 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AN 074 Rev E
4 / 24
19-November-2002
Applications Note No. 074
Silicon Discretes
After the waveguide to microstrip transition, the
signals enter a PC Board assembly. The signal
is amplified in two or more low noise amplifier
(LNA) stages and then hits a band pass filter.
The LNAs provide enough gain to boost the
level of the received signal such that the overall
receiver noise figure is dominated by the LNA
block itself. The LNA stages must have enough
gain and a sufficiently low noise figure to
minimize the noise floor for the entire receive
chain. Achieving enough gain and a low enough
noise figure at 12 GHz is costly, and anything
that can reasonably be done to relax the
requirements on the LNA section will reduce
cost.
The LNA is then followed by a band pass filter
(BPF) which provides for some rejection of out –
of-band signals and noise, as well as image
rejection. The amplified and filtered signal then
enters the mixer stage.
The types of simple, inexpensive mixers likely to
be used in an LNB will usually convert both the
desired input signal (12 GHz in this case) and an
undesired “image” frequency (10 GHz) to the
intermediate frequency (1 GHz for this example).
The band pass filter in front of the mixer stage
can attenuate any undesired signals or noise
present at the 10 GHz image frequency before it
hits the mixer stage, preventing the undesired
image from being down-converted on top of the
desired, down-converted 12 GHz input signal.
At present, most LNB manufacturers use one of
three main types of mixers:
1. GaAs FET used as a simple active mixer
2. GaAs FET with no DC bias applied ( “FET
resistive mixer”)
3. Schottky Diode based mixer
Some references for mixers are given in [1] and
[2] at the end of this applications note.
The FET active mixer will usually have
“conversion gain” while the FET resistive mixer
or Schottky diode mixers have “conversion loss”.
Conversion gain or loss is simply the ratio of the
amplitudes of the down-converted output I.F.
signal to the RF input signal. A poor noise figure
in the mixer stage, as well as high conversion
loss, places additional demands (and cost) on
both the LNA block up front, as well as the I.F.
amplifier which follows.
The down-converted I.F. signal undergoes
further band pass filtering and then is amplified
in the I.F. amplifier block. The I.F. amplifier is
the focus of this applications note, and is the
primary point of discussion regarding the
BGA430 and BGB540 Silicon MMICs. The I.F.
amplifier boosts the signal up to a reasonable
input level for the set top box. It is worth noting
that the system impedance in this area is 75
ohms, not 50 ohms, and that the coaxial cable
typically used (RG-6, RG-6/U or sometimes RG-
59) is very low cost, and has a relatively high
attenuation per unit length a the intermediate
frequency. Furthermore, the attenuation of the
cable increases with increasing frequency –
coaxial cable loss at 2150 MHz is higher than
cable loss at 950 MHz. Herein lies the reason
for designing an I.F. amplifier with a gain
slope
that
increases
with
increasing
frequency – this positive gain slope in the
I.F. amp will help to compensate out the
negative gain slope of the coaxial cable and
other RF front-end blocks.
4. Information on Printed Circuit Board
The PC board used in this applications note was
simulated within and generated from the
Eagleware GENESYS® [3] software package.
After simulations, CAD files required for PCB
fabrication, including Gerber 274X and Drill files,
were created within and output from GENESYS.
Photos of the PC board are provided in Figures
4, 5 and 6. A cross-sectional diagram is given
in Figure 7. A schematic diagram and a Bill Of
Material (BOM) for the complete BGA430 +
BGB540 I.F. Amplifier are given in Figures 8
and 9, respectively.
The PC Board material
used is standard FR4. Note that each MMIC
may be tested individually; capacitor C3 (see
schematic) may be positioned to “steer” the RF
from the BGA430 output to the SMA connector
on the bottom of the PCB, or, C3 may be used
to link the track from this same RF connector to
the input of the BGB540.
When testing the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com