Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3421 Datasheet (PDF) - Analog Devices

ADP3421 Datasheet PDF - Analog Devices
Part # ADP3421
Download  ADP3421 Download
File Size   146.98 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Geyserville-Enabled DC-DC Converter Controller for Mobile CPUs

ADP3421 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3421 Datasheet PDF - Analog Devices

Part # ADP3421
Download  ADP3421 Click to download

File Size   146.98 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Geyserville-Enabled DC-DC Converter Controller for Mobile CPUs

ADP3421 Datasheet (HTML) - Analog Devices


ADP3421 Product details

GENERAL DESCRIPTION
The ADP3421 is a hysteretic dc-dc buck converter controller with two auxiliary linear regulator controllers. The ADP3421 provides a total power conversion control solution for a microprocessor by delivering the core, I/O, and clock voltages. The optimized low-voltage design is powered from the 3.3 V system supply and draws only 10 µA maximum in shutdown. The main output voltage is set by a 5-bit VID code. To accommodate the transition time required by the newest processors for on-thefly VID changes, the ADP3421 features high-speed operation to allow a minimized inductor size that results in the fastest change of current to the output.

FEATURES
   Meets Intel® Mobile Voltage Positioning Requirements
   Lowest Processor Dissipation for Longest Battery Life
   Best Transient Containment
   Minimum Number of Output Capacitors
   System Power Management Compliant
   Fast, Smooth Output Transition During VID Code
      Change
   Programmable Current Limit
   Power Good
   Integrated LDO Controllers for Clock and I/O Supplies
   Programmable UVLO
   Soft Start with Restart Lock-In

APPLICATIONS
   Geyserville-Enabled Core DC-DC Converters
   Fixed Voltage Mobile CPU Core DC-DC Converters
   Notebook/Laptop Power Supplies
   Programmable Output Power Supplies




Similar Part No. - ADP3421

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3422 AD-ADP3422 Datasheet
174Kb / 16P
IMVP-II-Compliant Core Power Controller for Mobile CPUs
REV.0
ADP3422JRU AD-ADP3422JRU Datasheet
174Kb / 16P
IMVP-II-Compliant Core Power Controller for Mobile CPUs
REV.0
More results


Similar Description - ADP3421

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9560MUV ROHM-BD9560MUV Datasheet
393Kb / 6P
Step down DC/DC converter controller for mobile PC
logo
SAMWHA ELECTRIC
CPI1608NHQ1R0MT SAMWHA-CPI1608NHQ1R0MT Datasheet
106Kb / 1P
DC-DC converter circuits for mobile equipment
CPI2016NHL1R0ME SAMWHA-CPI2016NHL1R0ME Datasheet
107Kb / 1P
DC-DC converter circuits for mobile equipment
CPI2520NLL1R0ME SAMWHA-CPI2520NLL1R0ME Datasheet
107Kb / 1P
DC-DC converter circuits for mobile equipment
CPI3216SHL1R0ME SAMWHA-CPI3216SHL1R0ME Datasheet
107Kb / 1P
DC-DC converter circuits for mobile equipment
CPI3225NLL1R0ME SAMWHA-CPI3225NLL1R0ME Datasheet
109Kb / 1P
DC-DC converter circuits for mobile equipment
logo
Linear Technology
LTC3734 LINER-LTC3734 Datasheet
256Kb / 28P
Single-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3735 LINER-LTC3735 Datasheet
398Kb / 32P
2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3734 LINER-LTC3734_15 Datasheet
302Kb / 28P
Single-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3735 LINER-LTC3735_15 Datasheet
401Kb / 32P
2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com