Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3421 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3421
Description  Geyserville-Enabled DC-DC Converter Controller for Mobile CPUs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3421 Datasheet(HTML) 2 Page - Analog Devices

  ADP3421 Datasheet HTML 1Page - Analog Devices ADP3421 Datasheet HTML 2Page - Analog Devices ADP3421 Datasheet HTML 3Page - Analog Devices ADP3421 Datasheet HTML 4Page - Analog Devices ADP3421 Datasheet HTML 5Page - Analog Devices ADP3421 Datasheet HTML 6Page - Analog Devices ADP3421 Datasheet HTML 7Page - Analog Devices ADP3421 Datasheet HTML 8Page - Analog Devices ADP3421 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
ADP3421–SPECIFICATIONS1
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLY-UVLO-POWER GOOD
Supply Current
ICC(ON)
715
mA
ICC(UVLO)
VUVLO = 0.2 V
350
µA
VCCH
VSD = 0 V, 3.0 V
≤ VCC ≤ 3.6 V
10
µA
VCC UVLO Threshold
ICCH
2.9
V
VCCL
2.7
V
VCC UVLO Hysteresis
VCCHYS
20
mV
Battery UVLO Threshold
VUVLOTH
1.175
1.225
1.275
V
Battery UVLO Hysteresis
IUVLO
VUVLO = 1.275 V
–0.3
+0.3
µA
VUVLO = 1.175 V
0.6
1.0
1.4
µA
Shutdown Input Threshold
VSDTH
3.0 V < VCC < 5.0 V
0.8
0.7
× VCC
V
Core Power Good Threshold
VCOREH(UP)
1
0.925 V < VDAC < 2.000 V
1.10
× VDAC
1.12
× VDAC V
VCOREH(DN)
2
1.08
× VDAC
1.10
× VDAC V
VCOREL(UP)
1
0.90
× V
DAC
0.92
× V
DAC
V
VCOREL(DN)
2
0.88
× VDAC
0.90
× VDAC V
PWRGD Output Voltage
VPWRGD
3
VCORE = VDAC
0.95
× VCC
VCC
V
VCORE = 0.8 VDAC
0
0.8
V
VUVLO = 0.2 V
0
0.4
V
CORE CONVERTER SOFT-START TIMER
Timing Charge Current
ISSC(UP)
VSSC = 0 V
–0.6
–1.0
–1.4
µA
Discharge Current
ISSC(DN)
VSSC = 1.7 V, VUVLO = 1.1 V
0.3
1.0
mA
Enable Threshold
VSSCEN
4
150
400
mV
Termination Threshold
VSSCTH
1.53
1.70
1.87
V
VID DAC
VID Input Threshold
VVID0..4
0.8
0.7
× VCC
V
VID Input Pull-Up Current
IVID0..4
10
40
µA
Nominal Output Voltage
VDAC
See VID Code Table I
0.925
2.000
V
Output Voltage Accuracy
∆VDAC/VDAC
–0.85
0.85
%
Output Voltage Settling Time
tDACS
5
35
µs
CORE COMPARATOR
Input Offset Voltage
VCOREOS
VREG = 1.3 V
–3
+3
mV
Input Bias Current
IREG
VREG = VRAMP = 1.3 V
–2
+2
µA
Hysteresis Current
IRAMP
VCORE = VRAMP = 1.3 V
VCS– = 1.30 V, VCS+ = 1.28 V
VREG = 1.28 V
RVHYS Open
–2
+2
µA
RVHYS = 170 k
Ω
–7
–10
–13
µA
RVHYS = 17 k
Ω
–82
–97
–113
µA
VREG = 1.32 V
RVHYS Open
–2
+2
µA
RVHYS = 170 k
Ω
710
13
µA
RVHYS = 17 k
Ω
82
97
113
µA
Hysteresis Setting Reference Voltage VVHYS
1.53
1.70
1.87
V
Output Voltage
VOUTH
VCC = 3.0 V
2.5
3.0
V
VOUTL
VCC = 3.6 V
0
0.4
V
Propagation Delay Time6
tCOREPD
7
TA = 25
°C20
ns
0
°C ≤ TA ≤ 100°C30
ns
Rise and Fall Time
6
tCORER
8,7
10
ns
tCOREF
8
(0 C
TA
100 C, VCC = 3.3 V, VSD = VCC, VULVO = 2.0 V, VCORE = VDAC, ROUT = 100
k , COUT = 10 pF, CSSC = 1.8 nF, CSSL = 1.3 nF, CLTB = 1.5 nF, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com