Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3421 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3421
Description  Geyserville-Enabled DC-DC Converter Controller for Mobile CPUs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3421 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3421 Datasheet HTML 3Page - Analog Devices ADP3421 Datasheet HTML 4Page - Analog Devices ADP3421 Datasheet HTML 5Page - Analog Devices ADP3421 Datasheet HTML 6Page - Analog Devices ADP3421 Datasheet HTML 7Page - Analog Devices ADP3421 Datasheet HTML 8Page - Analog Devices ADP3421 Datasheet HTML 9Page - Analog Devices ADP3421 Datasheet HTML 10Page - Analog Devices ADP3421 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. A
ADP3421
–7–
THEORY OF OPERATION
Supply Voltages
The ADP3421 is optimized for use with, and specified at a
3.3 V supply, but can operate at up to 6 V at the expense of
increased quiescent current and minor tolerance degradation.
The ADP3410 MOSFET driver can accommodate up to 30 V
for driving the upper power MOSFET to 5 V above a 25 V rail.
Undervoltage Lockout
The undervoltage lockout (UVLO) circuit comprises the low
VIN and low VCC detection comparators. UVLO for VIN pro-
vides a system UVLO that monitors the battery voltage and
allows the converter operation to be disabled if the battery falls
below a preset threshold. A resistor divider to the UVLO pin
sets the UVLO-off level for the system comparing to a specified
reference. When VIN goes low enough to activate UVLO, this
triggers a specified current sink into the pin to be switched on.
This raises the UVLO-on threshold above the UVLO-off
threshold by the current sink values times the upper resistor of
the divider. So the resistor divider ratio at the UVLO pin is
used to set the UVLO threshold and the hysteresis.
Hysteresis for the system UVLO is recommended to prevent
oscillation due to nonzero battery impedance. If UVLO is trig-
gered during a condition where the battery is loaded by the
converter operation, the converter will turn off and the battery
voltage will then rise to a slightly higher level. A good design
will ensure that the hysteresis is sufficient to prevent the converter
from turning on again.
UVLO for VCC provides an internally specified UVLO thresh-
old for the ADP3421 to ensure that it only operates when the
applied VCC is sufficient to ensure that it can operate properly.
Activation of either UVLO circuit disables the reference and
bias circuits in the IC except for that which is needed for UVLO
detection.
Power Good
If the IC is enabled and is not in the UVLO mode and has fin-
ished its soft-start period, and if the core voltage is within
±10%
of the VID programmed value, then a high-level signal appears
at the PWRGD pin.
Power Good During VID Change
When a VID change occurs, the DAC output responds faster than
the output voltage, which is slew rate limited by the output
filter. In this case, PWRGD may momentarily go low. To avoid
system interruption, the PC power management system should
not respond to this glitch. The PWRGD signal corresponds to
V_GATE as specified in Intel’s Geyserville Voltage Regulator
specification. The glitch can be masked from the system by
using the appropriate system programming settings or by using
a functionally equivalent OR gate, which provides a blanking
signal for the specified latency period where the core voltage is
allowed to settle at its new value. Because of the minimal output
capacitor requirement, the response time of the core voltage is
well within the specified latency period and, when the power
converter is properly compensated, it does not exhibit any
overshoot.
VID-Programmed DAC Reference
This 5-bit digital-to-analog converter (DAC) serves as the
programmable reference source of the dc-dc converter. Pro-
gramming is accomplished by CMOS logic-level VID code
applied to the DAC input. The VID code corresponds to that
recommended in guidelines for the mobile Pentium
® III published
by Intel (see Table I).
Table I. VID Code
VID4
VID3
VID2
VID1
VID0
VOUT
0
0
0
0
0
2.000
0
0
0
0
1
1.950
0
0
0
1
0
1.900
0
0
0
1
1
1.850
0
0
1
0
0
1.800
0
0
1
0
1
1.750
0
0
1
1
0
1.700
0
0
1
1
1
1.650
0
1
0
0
0
1.600
0
1
0
0
1
1.550
0
1
0
1
0
1.500
0
1
0
1
1
1.450
0
1
1
0
0
1.400
0
1
1
0
1
1.350
0
1
1
1
0
1.300
0
111
1Off
*
1
0
0
0
0
1.275
1
0
0
0
1
1.250
1
0
0
1
0
1.225
1
0
0
1
1
1.200
1
0
1
0
0
1.175
1
0
1
0
1
1.150
1
0
1
1
0
1.125
1
0
1
1
1
1.100
1
1
0
0
0
1.075
1
1
0
0
1
1.050
1
1
0
1
0
1.025
1
101
11.00
1
1
1
0
0
0.975
1
1
1
0
1
0.950
1
1
1
1
0
0.925
1
111
1Off
*
*No CPU shutdown
Core Comparator
The core comparator is an ultrafast hysteretic comparator with
a typical propagation delay to the OUT pin of 15 ns at a 20 mV
overdrive.
This comparator is used with a switched hysteresis current for
controlling the main feedback loop, as described in the Main
Feedback Loop Operation section. This comparator has no
relation to the CORE pin, which is used only for core voltage
monitoring for the PWRGD function.
Current Limit Comparator
The current limit comparator monitors the voltage across the
current-sense resistor RCS and it overrides the core comparator
and forces the OUT pin to low when the current exceeds the
peak current limit threshold. The current control is hysteretic,
with a valley current threshold equal to two-thirds of the peak
current limit threshold. When the sensed current signal falls to
two-thirds of the peak threshold, the OUT pin is allowed to go
high again, and the control of the main loop reverts back to the
core comparator.
Pentium is a registered trademark of Intel Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com