Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3421 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3421
Description  Geyserville-Enabled DC-DC Converter Controller for Mobile CPUs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3421 Datasheet(HTML) 5 Page - Analog Devices

  ADP3421 Datasheet HTML 1Page - Analog Devices ADP3421 Datasheet HTML 2Page - Analog Devices ADP3421 Datasheet HTML 3Page - Analog Devices ADP3421 Datasheet HTML 4Page - Analog Devices ADP3421 Datasheet HTML 5Page - Analog Devices ADP3421 Datasheet HTML 6Page - Analog Devices ADP3421 Datasheet HTML 7Page - Analog Devices ADP3421 Datasheet HTML 8Page - Analog Devices ADP3421 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. A
ADP3421
–5–
Pin
Mnemonic
Function
15
SD
Shutdown Input. When this pin is pulled low, the IC shuts down and all regulation functions will be disabled.
16
PWRGD
Power Good Output. This signal will go high only when the
SD pin is high to allow IC operation, the UVLO
and VCC pins are above their respective start-up thresholds, the SSC and SSL pins are above a voltage where
soft start is completed, and the voltage at the CORE pin is within the specified limits of the programmed VID
voltage. By choosing the soft-start capacitor for the core larger than that for the linear regulators, at start-up
the core and linear outputs should all be in regulation before PWRGD is asserted.
17
UVLO
Undervoltage Lockout Input. This pin monitors the input voltage through a resistor divider. When the pin
voltage is below a specified threshold, the IC enters into UVLO mode regardless of the status of
SD. When
in UVLO mode, a current source is switched on at this pin, which sinks current from the external resistor
divider. The generated UVLO hysteresis is equal to the current sink value times the upper divider resistor.
18
SSL
Linear Regulator Soft Start. During power-up, an external soft-start capacitor is charged by a current source
to control the ramp-up rates of the linear regulators.
19
SSC
Core Voltage Soft Start. During power-up, an external soft-start capacitor is charged by a current source to
control the ramp-up rate of the core voltage.
20
CORE
Core Converter Voltage Monitor. This pin is used to monitor the core voltage for power good verification.
21
DACOUT
VID-Programmed Digital-to-Analog Converter Output. This voltage is the reference voltage for output
voltage regulation.
22
GND
Ground
23
OUT
Logic-Level Drive Signal Output of Core Controller. This pin provides the drive command signal to the IN
pin of the ADP3410 driver. This pin is not capable of directly driving a power MOSFET.
24
VCC
Power Supply
25
RAMP
Current Ramp Input. This pin provides the negative feedback for the core output voltage. The switched sink/
source current from this pin, which is set up at the VHYS pin, works against the terminating resistance at this
pin to set the hysteresis for the hysteretic control.
26
REG
Regulation Voltage Summing Input. In the recommended configuration, the DACOUT voltage and the core
voltage are summed at this pin to establish regulation with output voltage positioning.
27
CS+
Current Limit Positive Sense. This pin senses the positive node of the current sense resistor.
28
CS–
Current Limit Negative Sense. This pin connects through a resistor to the negative node of the current sense
resistor. A current flows out of the pin, as programmed at the CLSET pin. When this pin is more negative
than the CS+ pin, the current limit comparator is triggered and the current flowing out of the pin is reduced
to two-thirds of its previous value, producing a current limit hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com