Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3421 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP3421
Description  Geyserville-Enabled DC-DC Converter Controller for Mobile CPUs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3421 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP3421 Datasheet HTML 4Page - Analog Devices ADP3421 Datasheet HTML 5Page - Analog Devices ADP3421 Datasheet HTML 6Page - Analog Devices ADP3421 Datasheet HTML 7Page - Analog Devices ADP3421 Datasheet HTML 8Page - Analog Devices ADP3421 Datasheet HTML 9Page - Analog Devices ADP3421 Datasheet HTML 10Page - Analog Devices ADP3421 Datasheet HTML 11Page - Analog Devices ADP3421 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
REV. A
ADP3421
–12–
VHYS
ADP3421
1
CLSET
2
LTO
3
LTI
4
LTB
5
VID4
6
VID3
7
VID2
8
VID1
9
VID0
10
CLKDRV
11
CLKFB
12
IODRV
13
IOFB
14
SD 15
PWRGD 16
UVLO 17
SSL 18
SSC 19
CORE 20
DACOUT 21
GND 22
OUT 23
VCC 24
RAMP 25
REG 26
CS+ 27
CS– 28
U1
R1
51.1k
R2
160k
3.3V
R10
10k
C2
100nF
C3
68 F
VRON
Q2
2N3906
C14
100 F
M1
IRF7811
D2
10BQ040
OVPSET
ADP3410
SD
GND
IN
DRVLSD
DLY
VCCGD
VCC
DRVL
PGND
SRMON
SW
DRVH
BST
U2
1
2
3
4
5
6
7
14
13
12
11
10
9
8
C20
10 F
Q1
MJD210
FROM
CPU
R11
220k
R12
470
k
C22
1nF
C21
1.5nF
C1
100nF
C31
1pF
R16
3.3k
C41
1pF
C29
100pF
R17
75k
R6
7.5k
R5
10
k
R18
576
C23
1nF
C25
22nF
R21,10
k
R19
2
k
R15
332
R22
100k
C18
10pF
C28
10 F
C17
100nF
5V
M2
IRF7811
R8
2.2
R9
2.2
M3
IRF7811
VIN
L1
1 H
D1
10BQ040
RCS
5m
C32
15nF
C10
10 F
C15
10 F
C16
10 F
C4–C6,
C11, C12,
C26, C27
220 F
7
VCC ON CORE SENSE
V GATE
VCC CPU IO
VCC CPU CLK
VCC
CPU
CORE
GND
R20
10
Figure 1. Mobile VRM Schematic
TYPICAL APPLICATION–GEYSERVILLE-ENABLED MOBILE VRM CONVERTER
OUTLINE DIMENSIONS
Dimensions shown in mm and (inches).
28-Lead Thin Shrink Small Outline Package (TSSOP)
(RU-28)
4.50 (0.177)
4.30 (0.169)
28
15
14
1
9.80 (0.386)
9.60 (0.378)
6.50 (0.256)
6.25 (0.246)
PIN 1
SEATING
PLANE
0.15 (0.006)
0.05 (0.002)
0.30 (0.012)
0.19 (0.008)
0.65 (0.026)
BSC
1.10 (0.043)
MAX
0.20 (0.008)
0.09 (0.004)
0.70 (0.028)
0.50 (0.020)
8
0
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE
ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE
FOR USE IN DESIGN
Revision History
Location
Page
5/02—Data Sheet changed from REV. 0 to REV. A.
Changed Figures to TPCs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Renumbered Figure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com