Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3421 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3421
Description  Geyserville-Enabled DC-DC Converter Controller for Mobile CPUs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3421 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3421 Datasheet HTML 2Page - Analog Devices ADP3421 Datasheet HTML 3Page - Analog Devices ADP3421 Datasheet HTML 4Page - Analog Devices ADP3421 Datasheet HTML 5Page - Analog Devices ADP3421 Datasheet HTML 6Page - Analog Devices ADP3421 Datasheet HTML 7Page - Analog Devices ADP3421 Datasheet HTML 8Page - Analog Devices ADP3421 Datasheet HTML 9Page - Analog Devices ADP3421 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. A
UVLO MODE
NORMAL OPERATING MODE
TEMPERATURE – C
100m
10m
1
0
20
100
40
60
80
1m
100
10
SHUTDOWN MODE
TPC 1. Supply Current vs.
Temperature
FULL-SCALE
+0.85%
AMBIENT TEMPERATURE – C
2.010
2.000
0
20
100
40
60
80
1.990
–0.85%
+0.85%
ZERO-SCALE
–0.85%
0.9125
0.925
0.9375
TPC 4. DAC Output Voltage vs.
Temperature
IO LDO
AMBIENT TEMPERATURE – C
40
0
0
20
100
40
60
80
30
20
10
CLK LDO
VCLKFB = 2.45V
VIOFB = 1.47V
TPC 7. LDO Drive Current vs.
Temperature
ADP3421–Typical Performance Characteristics
–6–
RELATIVE CORE VOLTAGE –
VCORE / VCORE
–0.15
–0.1
0.1
–0.05
0
0.05
HIGH
LOW
0.15
TPC 2. Power Good vs. Relative
Core Voltage Variation
AMBIENT TEMPERATURE – C
0
20
100
40
60
80
OUT = HIGH, RHYS = 17k
–100
0
OUT = HIGH, RHYS = 170k
OUT = LOW, RHYS = 170k
OUT = LOW, RHYS = 17k
100
TPC 5. Core Hysteresis Current vs.
Temperature
LOAD CURRENT – A
1.45
100
1m
0.01
1.48
1.50
1.52
1.55
0.1
1
10
EXT = 100
TPC 8. IO LDO DC Load Regulation
TIMING CAPACITANCE – nF
0.1
0.1
100
110
1
10
100
1000
CORE ZERO-SCALE
AND LDOS
CORE FULL-SCALE
TPC 3. Soft-Start Time vs. Timing
Capacitance
AMBIENT TEMPERATURE – C
0
20
100
40
60
80
–300
–200
–100
OUT = HIGH, RCLSET = 170k
OUT = LOW, RCLSET = 17k
OUT = HIGH, RCLSET = 17k
0
OUT = LOW, RCLSET = 170k
TPC 6. Current Limit Threshold
Current vs. Temperature
LOAD CURRENT – A
2.45
100
1m
0.01
2.50
2.55
0.1
1
EXT = 100
2.40
2.60
TPC 9. CLK LDO DC Load
Regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com