Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3421 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3421
Description  Geyserville-Enabled DC-DC Converter Controller for Mobile CPUs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3421 Datasheet(HTML) 4 Page - Analog Devices

  ADP3421 Datasheet HTML 1Page - Analog Devices ADP3421 Datasheet HTML 2Page - Analog Devices ADP3421 Datasheet HTML 3Page - Analog Devices ADP3421 Datasheet HTML 4Page - Analog Devices ADP3421 Datasheet HTML 5Page - Analog Devices ADP3421 Datasheet HTML 6Page - Analog Devices ADP3421 Datasheet HTML 7Page - Analog Devices ADP3421 Datasheet HTML 8Page - Analog Devices ADP3421 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. A
ADP3421
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADP3421 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
Input Supply Voltage (VCC) . . . . . . . . . . . . . . –0.3 V to +7 V
UVLO Input Voltage . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
All Other Inputs/Outputs . . . . . . . . . . . . . . . . . . VCC + 0.3 V
Operating Ambient Temperature Range . . . . . . 0
°C to 100°C
Junction Temperature Range . . . . . . . . . . . . . . . 0
°C to 150°C
θ
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 98
°C/W
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec.) . . . . . . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
ADP3421JRU 0
°C to 100°C
Thin Shrink Small RU-28
Outline (TSSOP)
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ADP3421
IOFB
IODRV
CLKFB
CLKDRV
VID0
VID1
VID2
VHYS
CLSET
LTO
LTI
VID3
VID4
LTB
SD
PWRGD
UVLO
SSC
CORE
DACOUT
CS–
CS+
REG
GND
OUT
VCC
SSL
RAMP
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Function
1
VHYS
Core Comparator Hysteresis Setting. The voltage at this pin is held at a 1.7 V reference level. A resistor to
ground programs at a 1:1 ratio the current that is alternately switched into and out of the RAMP pin.
2
CLSET
Current Limit Setting. The voltage at this pin is held at a 1.7 V reference level. A resistor to ground programs
a current that is gained up by 3:1 flowing out of the CS– pin, assuming the current limit comparator is not
triggered.
3
LTO
Level Translator Output. This pin must be tied through a pull-up resistor to the voltage level desired for the
output high level. That voltage cannot be less than 1.5 V.
4
LTI
Level Translator Input. This pin should be driven from an open drain/collector signal. The pull-up current is
provided by the pull-up resistor on the LTO pin. However, the pull-up current will be terminated when the
LTI pin reaches 1.5 V.
5
LTB
Level Translator Bypass. For operation of the level translator with high-speed signals, this pin should be by-
passed to ground with a large value capacitor.
6
VID4
VID Input. Most significant bit.
7
VID3
VID Input
8
VID2
VID Input
9
VID1
VID Input
10
VID0
VID Input. Least significant bit.
11
CLKDRV
2.5 V Linear Regulator Driver Output. This pin sinks current from the base of a PNP transistor as needed to
keep the CLKFB node regulated at 2.5 V.
12
CLKFB
2.5 V Linear Regulator Output Feedback. This pin is connected to the collector of a PNP transistor whose
base is driven by the CLKDRV pin.
13
IODRV
1.5 V Linear Regulator Driver Output. This pin sinks current from the base of a PNP transistor as needed to
keep the IOFB node regulated at 1.5 V.
14
IOFB
1.5 V Linear Regulator Output Feedback. This pin is connected to the collector of a PNP transistor whose
base is driven by the IODRV pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com