Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3421 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP3421
Description  Geyserville-Enabled DC-DC Converter Controller for Mobile CPUs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3421 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP3421 Datasheet HTML 4Page - Analog Devices ADP3421 Datasheet HTML 5Page - Analog Devices ADP3421 Datasheet HTML 6Page - Analog Devices ADP3421 Datasheet HTML 7Page - Analog Devices ADP3421 Datasheet HTML 8Page - Analog Devices ADP3421 Datasheet HTML 9Page - Analog Devices ADP3421 Datasheet HTML 10Page - Analog Devices ADP3421 Datasheet HTML 11Page - Analog Devices ADP3421 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. A
ADP3421
–9–
optimal compensation also gives the ripple current control that
adds stability to the switching frequency.
Standard Hysteretic Control Configuration
The ADP3421 can also be used as a conventional hysteretic
ripple regulator where the output ripple voltage is directly pro-
grammed. To achieve this conventional operation, the DAC’s
output is connected directly to the REG pin and the output
voltage connects through a resistor to the RAMP pin. This resistor
sets the output ripple voltage, which will be symmetrically centered
around the DAC voltage. If the optimal DAC voltage is not
available, an offset could be summed into the RAMP pin with
another resistor, as was done with the previous configuration.
Intel Mobile Voltage Positioning Implementation
In the recommended configuration, the ADP3421 uses voltage
Intel Mobile Voltage positioning technology as an inherent part
of its architecture.
No matter how fast the response of the switches, even instanta-
neous, the inductor limits the response speed at the output of
the converter. This places the primary burden of transient
response containment on the output capacitors. The size and
cost of the output capacitors can be minimized by keeping the
output voltage higher at light load in anticipation of a load
increase, and lowering the output voltage at heavier loads in
anticipation of a load decrease. Voltage positioning with the
ADP3421 is active, which means the voltage positioning can be
controlled by loop gain. This increases efficiency compared to
passive voltage positioning that is sometimes used as a supple-
mentary regulation technique with voltage-mode controllers.
Instead of sizing a series resistor to create the entire voltage drop
(often called a “droop” resistor in the passive voltage positioning
implementation), a smaller value current-sensing resistor can be
used and the loop can amplify its voltage drop to position the
voltage as desired without additional power loss.
Voltage Positioning for Power Savings
In addition to the size and cost reduction of the output capacitors,
another advantage of using voltage positioning is a reduction
in the CPU core dissipation. That dissipation is equal to the
product of the applied core voltage and the current drawn by
the CPU. The CPU current is primarily due to the capacitive
switching load of digital circuitry, and it is also proportional to
the applied voltage. The result is that the CPU power dissipation is
approximately proportional to the applied voltage squared.
PCPU = k
× VCPU2
This characteristic, combined with the wide tolerance on the
core voltage specification, suggests that the maximum CPU
power dissipation can be substantially reduced by setting the
core voltage near the lower specified voltage limit. For example,
if a 1.6 V processor is operated 7% below its nominal voltage
rating, the CPU power dissipation is reduced by 13.5%. Losses
in the switches and inductor of the power converter are also
reduced due to the decrease in maximum load current.
To realize the full cost-reducing benefits of active voltage posi-
tioning, a current-sensing resistor should be used to convey
accurate current information to the control loop. This is needed
to accurately position the core voltage as a function of load cur-
rent. Accurate positioning of the core voltage allows the highest
reduction in output capacitors. It is common to see passive voltage
positioning implemented by sensing voltage drop on a copper trace
or across a power MOSFET. This causes poor control of the
voltage positioning—a tolerance analysis can show the weakness
of this design technique.
Although additional power is dissipated by the current-sense
resistor, the total power consumption is reduced because of the
squared reduction of current consumption by the CPU. For
example, if the CPU draws 15 A at 1.6 V, the current-sensing
resistor is 3 m
Ω, and the supply voltage is reduced by 7%, the
core dissipation can be reduced from 24 W to:
24 W
× 0.932 = 20.76 W,
and the power dissipated in the resistor is only:
[20.76 W/(1.6 V
× 0.93)]2 × 3 mΩ = 0.58 W.
The total power savings from the battery is 2.65 W, or 11.1%.
Optimally Compensated for Voltage Positioning
Although voltage positioning helps to control the initial load tran-
sient, high-frequency load repetition rates can cause the voltage to
exceed by double the limits within which the transients can be
contained. For complete transient containment over the bandwidth
of the core’s transient activity, the solution is an enhanced optimally
compensated version of voltage positioning.
It prevents the tendency of the core voltage to “bounce” before
settling to its final positioned value after the inductor current
has been ramped to its final value.
Main Feedback Loop Operation
In conjunction with a selected control topology, the ADP3421
regulates a drive control signal at the OUT pin using a comparator.
The two inputs are pins RAMP (–) and REG (+). A bidirectional
switched control current is used at the RAMP input to establish
hysteresis with a chosen termination resistance. Beginning in the
drive high state (OUT pin high), the control current is sinking
current into the RAMP pin, but the output current in the buck
converter is increasing and so VRAMP will eventually exceed VREG.
When this happens, the control current reverses and sources
current out of the RAMP pin to provide both hysteresis and
overdrive for the comparator. The OUT pin goes low and the
buck converter output current decreases until VRAMP < VREG,
at which time the comparator switches, the control current
reverses, and the process repeats.
How the hysteresis current is used (depending on the control
configuration) will determine which parameter is hysteretically
controlled—presumably either the inductor ripple current or
the output ripple voltage, as in the two suggested configu-
rations, or a weighted combination of the two or another
variable could be introduced.
Core Converter Design Procedure
There are two primary objectives considered in optimizing the
design of a power converter. The first objective is to meet the
specifications; the second objective is to do so at the lowest cost.
Analog Devices, Inc., addresses both of these objectives with the
ADP3421 and its recommended design procedure. The optimized
design yields the additional benefit of reducing the maximum
CPU power consumption by ~10% for typical CPU specifica-
tions, which has created great interest in those using the CPU.
Microprocessors have the distinguishing characteristic of
creating extremely fast load transients from nearly zero to the
maximum load and vice versa. The advent of increasing power
management (used to interrupt the CPU processing) causes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com