Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5009AL2 Datasheet (PDF) - Nippon Precision Circuits Inc

CF5009AL2 Datasheet PDF - Nippon Precision Circuits Inc
Part # CF5009AL2
Download  CF5009AL2 Download
File Size   149.24 Kbytes
Page   20 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Crystal Oscillator Module ICs

CF5009AL2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CF5009AL2 Datasheet PDF - Nippon Precision Circuits Inc

Part # CF5009AL2
Download  CF5009AL2 Click to download

File Size   149.24 Kbytes
Page   20 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Crystal Oscillator Module ICs

CF5009AL2 Datasheet (HTML) - Nippon Precision Circuits Inc


CF5009AL2 Product details

OVERVIEW

The SM5009 series are crystal oscillator module ICs that incorporate low crystal current type oscillating circuit to limit oscillator-stage current, so that they can reduce crystal current lower than the existing products. Since the oscillating circuit has oscillator capacitors with excellent frequency response and feedback resistor built-in, just connecting crystal realizes stable fundamental oscillation responding up to 40MHz. The SM5009 series are ideal for SMD type crystal oscillator using a strip-shaped crystal blank.



FEATURES

■ Low crystal current oscillator

■ Up to 40MHz operating frequency range (funda mental oscillation)

■ Operating supply voltage range

   • 3V operation: 2.7 to 3.6V

   • 5V operation: 4.5 to 5.5V

■ –40 to 85°C operating temperature range

■ Oscillation capacitors CG, CD built-in

■ Inverter amplifier feedback resistor built-in

■ Standby function

   • Oscillator stops (AL series), high impedance in standby mode

■ Low standby current

   • Power-save pull-up resistor built-in (AL series)

■ Frequency divider built-in (fO, fO/2, fO/4, fO/8, fO/16, fO/32 determined by internal connection)

■ Output drive capability

   • AL×, AN×, AK×, CN×: 16mA (VDD = 4.5V)

   • AH×: 4mA (VDD = 4.5V)

■ Output load: CL = 50pF max.

■ Output duty level

   • CMOS level (1/2 VDD): AL×, AN×, AH×, CN×

   • TTL level (1.4V): AK×

■ Molybdenum-gate CMOS process

■ 8-pin SOP (SM5009×××S)

■ Chip form (CF5009×××)



 




Similar Part No. - CF5009AL2

ManufacturerPart #DatasheetDescription
logo
Cvilux Corporation
CF50091D0R0-10-NH CVILUX-CF50091D0R0-10-NH Datasheet
785Kb / 3P
1.00mm(039") ZIF FFC/FPC ONE-TOUCH CONNECTOR
14.11.14
More results


Similar Description - CF5009AL2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
Crystal Oscillator Module ICs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com