Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5009AL2 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # CF5009AL2
Description  Crystal Oscillator Module ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5009AL2 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  CF5009AL2 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SM5009 series
NIPPON PRECISION CIRCUITS INC.—5
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V unless otherwise noted.
Recommended Operating Conditions
VSS = 0V unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
−0.5 to +7.0
V
Input voltage range
VIN
−0.5 to VDD + 0.5
V
Output voltage range
VOUT
−0.5 to VDD + 0.5
V
Operating temperature range
Topr
−40 to +85
°C
Storage temperature range
Tstg
Chip form
−65 to +150
°C
8-pin SOP
−55 to +125
Output current
IOUT
25
mA
Power dissipation
PD
8-pin SOP
500
mW
Parameter
Symbol
Version
Condition
Rating
Unit
min
typ
max
Supply voltage
VDD
AH
×
f
≤ 30MHz
4.5
–
5.5
V
f
≤ 16MHz
2.7
–
3.3
AK
×
f
≤ 40MHz
4.5
–
5.5
V
AN
×
f
≤ 40MHz
2.7
–
5.5
V
CN
×
f
≤ 30MHz
2.7
–
5.5
V
AL
×
Chip form
f
≤ 40MHz
2.7
–
5.5
V
f
≤ 30MHz
2.3
–
2.7
f
≤ 20MHz
2.25
–
2.75
8-pin SOP
f
≤ 40MHz
2.7
–
5.5
f
≤ 14.4MHz
2.4
–
2.7
Input voltage
VIN
All version
VSS
–VDD
V
Operating temperature
TOPR
AH
×
f
≤ 30MHz, 4.5V ≤ VDD ≤ 5.5V
− 40
–
+ 85
°C
f
≤ 16MHz, 2.7V ≤ VDD ≤ 3.6V
− 20
–
+ 80
AK
×
f
≤ 30MHz
− 40
–
+ 85
°C
30MHz
< f ≤ 40MHz
− 20
–
+ 80
AN
×
Chip form
f
≤ 40MHz, 2.7V ≤ VDD < 4.5V
− 20
–
+ 80
°C
f
≤ 40MHz, 4.5V ≤ VDD ≤ 5.5V
− 40
–
+ 85
8-pin SOP
f
≤ 40MHz, 2.7V ≤ VDD < 4.5V
− 20
–
+ 80
f
≤ 40MHz, 4.5V ≤ VDD ≤ 5.5V
− 20
–
+ 80
f
≤ 30MHz, 4.5V ≤ VDD ≤ 5.5V
− 40
–
+ 85
CN
×
f
≤ 30MHz, 2.7V ≤ VDD < 4.5V
− 10
–
+ 70
°C
f
≤ 30MHz, 4.5V ≤ VDD ≤ 5.5V
− 40
–
+ 85
AL
×
Chip form
f
≤ 40MHz, 2.7V ≤ VDD ≤ 5.5V
− 40
–
+ 85
°C
f
≤ 30MHz, 2.3V ≤ VDD ≤ 2.7V
− 20
–
+ 80
f
≤ 20MHz, 2.25V ≤ VDD ≤ 2.75V
− 20
–
+ 80
8-pin SOP
f
≤ 40MHz, 2.7V ≤ VDD ≤ 5.5V
− 20
–
+ 80
f
≤ 30MHz, 2.7V ≤ VDD ≤ 5.5V
− 40
–
+ 85
f
≤ 14.4MHz, 2.4V ≤ VDD ≤ 2.7V
− 20
–
+ 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com