Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5009AL2 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # CF5009AL2
Description  Crystal Oscillator Module ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5009AL2 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  CF5009AL2 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SM5009 series
NIPPON PRECISION CIRCUITS INC.—2
PAD LAYOUT
(Unit:
µm)
PINOUT
(Top view)
PIN DESCRIPTION and PAD DIMENSIONS
Chip size: 0.92
× 1.22 mm
Chip thickness: 300 ± 30 µm
Chip base: VDD level
Q
VDD
XT
VSS
(0,0)
(920,1220)
X
Y
INH
XT
1
XT
VSS
Q
VDD
4
2
3
NC
NC
8
7
6
5
XT
INH
Number
Name
I/O
Description
Pad dimensions [µm]
XY
1INH
I
Output state control input. Standby mode when LOW, pull-up resistor built-in.
In the case of the CF5009AL
×, the oscillator stops and power-save pull-up
resistor built in to reduce current consumption at standby mode.
195
212
2
XT
I
Amplifier input.
Crystal oscillator connection pins.
Crystal oscillator connected between XT and XT
385
212
3XT
O
Amplifier output.
575
212
4
VSS
–
Ground
766
212
5Q
O
Output. Output frequency (fO, fO/2, fO/4, fO/8, fO/16, fO/32) determined by
internal connection
765
1062
6
NC
–
No connection
–
–
7
NC
–
No connection
–
–
8
VDD
–
Supply voltage
162
1062



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com