Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5009AL2 Datasheet(PDF) 16 Page - Nippon Precision Circuits Inc

Part # CF5009AL2
Description  Crystal Oscillator Module ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5009AL2 Datasheet(HTML) 16 Page - Nippon Precision Circuits Inc

Back Button CF5009AL2 Datasheet HTML 12Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 13Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 14Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 15Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 16Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 17Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 18Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 19Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 20Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
SM5009 series
NIPPON PRECISION CIRCUITS INC.—16
5009AH
× series
3V operation: VDD = 2.7 to 3.3V, VSS = 0V, Ta = −20 to 80°C unless otherwise noted.
5V operation: VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to 85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr1
Measurement cct 3, load cct 2, 0.1VDD to 0.9VDD , CL = 15pF
–
6
18
ns
Output fall time
tf1
Measurement cct 3, load cct 2, 0.9VDD to 0.1VDD , CL = 15pF
–
6
18
ns
Output duty cycle1
1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty
Measurement cct 3, load cct 2, VDD = 3V, Ta = 25°C, CL = 15pF
45
–
55
%
Output disable delay time
tPLZ
Measurement cct 6, load cct 2, VDD = 3V, Ta = 25°C, CL ≤ 15pF
–
–
100
ns
Output enable delay time
tPZL
–
–
100
ns
Maximum operating
frequency
fmax
Measurement cct 3
16
–
–
MHz
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr1
Measurement cct 3, load cct 2, 0.1VDD to 0.9VDD , CL = 15pF
–
4
12
ns
Output fall time
tf1
Measurement cct 3, load cct 2, 0.9VDD to 0.1VDD , CL = 15pF
–
4
12
ns
Output duty cycle1
1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty
Measurement cct 3, load cct 2, VDD = 5V, Ta = 25°C, CL = 15pF
45
–
55
%
Output disable delay time
tPLZ
Measurement cct 6, load cct 2, VDD = 5V, Ta = 25°C, CL ≤ 15pF
–
–
100
ns
Output enable delay time
tPZL
–
–
100
ns
Maximum operating
frequency
fmax
Measurement cct 3
30
–
–
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com