Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5009AL2 Datasheet(PDF) 17 Page - Nippon Precision Circuits Inc

Part # CF5009AL2
Description  Crystal Oscillator Module ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5009AL2 Datasheet(HTML) 17 Page - Nippon Precision Circuits Inc

Back Button CF5009AL2 Datasheet HTML 12Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 13Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 14Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 15Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 16Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 17Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 18Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 19Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 20Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
SM5009 series
NIPPON PRECISION CIRCUITS INC.—17
MEASUREMENT CIRCUITS
Measurement cct 1
• 5009AK×, AL×, AN1, AN2
R1: 50
Ω
R2: 250
Ω(VDD = 4.5V), 275Ω(VDD = 2.7V)
R3: 256
Ω(VDD = 4.5V), 288Ω(VDD = 2.7V)
• 5009AN3 to AN6, CN×
R1: 50
Ω
R2: 245
Ω(VDD = 4.5V), 262Ω(VDD = 2.7V)
R3: 256
Ω(VDD = 4.5V), 288Ω(VDD = 2.7V)
• 5009AH×
R1: 50
Ω
R2: 1000
Ω(VDD = 4.5V), 1100Ω(VDD = 2.7V)
R3: 1025
Ω(VDD = 4.5V), 1150Ω(VDD = 2.7V)
Measurement cct 2
Measurement cct 3
Signal
Generator
VDD
VSS
XT
Q
R1
R2
R3
VDD
0V
XT input waveform
(10MHz)
VOH
0V
Q output
VDD
VDD
VOL
Q output
0V
When
measuring VOL
When
measuring VOH
VDD
VSS
Q
IZ
VOH
VOL
V
A
IZ
VDD
VSS
XT
Q
X'tal
XT
INH
IDD
IST
A
Measurement cct 4
Measurement cct 5
Measurement cct 6
R1: 50
Ω
VDD
VSS
IPR
A
3.0V or 5.0V
INH
V
VIH
VIL
VDD
IPR
(VIL = 0V)
RUP2 =
IPR
VIH : 2.1V(V DD = 3.0V)
VIH : 3.5V(V DD = 5.0V)
VDD VIH
RUP
RUP1
=
VDD
VSS
IRf
Rf =
XT
VDD
IRf
XT
A
Signal
Generator
VSS
XT
Q
R1
VDD
INH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com