Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5009AL2 Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # CF5009AL2
Description  Crystal Oscillator Module ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5009AL2 Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button CF5009AL2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 10Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 11Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SM5009 series
NIPPON PRECISION CIRCUITS INC.—8
5009AN
×/CN× series
3V operation: VDD = 2.7 to 3.3V, VSS = 0V, Ta = −20 to 80°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, IOH = 8mA
SM5009AN1S, CF5009AN1
SM5009AN2S, CF5009AN2
2.2
–
–
V
SM5009AN3S, CF5009AN3
SM5009AN4S, CF5009AN4
SM5009AN5S, CF5009AN5
SM5009AN6S, CF5009AN6
SM5009CN1S, CF5009CN1
SM5009CN2S, CF5009CN2
2.1
–
–
LOW-level output voltage
VOL
Q: Measurement cct 1, IOL = 8mA
–
–
0.4
V
HIGH-level input voltage
VIH
INH
2.0
–
–
V
LOW-level input voltage
VIL
INH
–
–
0.3
V
Output leakage current
IZ
Q: Measurement cct 2, INH = LOW, VOH = VDD
––
10
µA
Q: Measurement cct 2, INH = LOW, VOL = VSS
––
10
Current consumption
IDD
INH = open, Measurement cct 3,
load cct 2, CL = 15pF,
40MHz crystal oscillator
SM5009AN1S, CF5009AN1
–
8
17
mA
SM5009AN2S, CF5009AN2
–
5
11
SM5009AN3S, CF5009AN3
–
4
9
SM5009AN4S, CF5009AN4
–
3
7
SM5009AN5S, CF5009AN5
–
3
6
SM5009AN6S, CF5009AN6
–
2
5
INH = open, Measurement cct 3,
load cct 2, CL = 15pF,
30MHz crystal oscillator,
Ta = –10 to +70
°C
SM5009CN1S, CF5009CN1
–
7
15
SM5009CN2S, CF5009CN2
–
4
9
INH pull-up resistance
RUP
Measurement cct 4, VDD = 3V, INH = VSS
40
–
200
k
Ω
Negative resistance
−RL
VDD = 3V, Ta = 25°C, 40MHz
–
–100
–
Ω
Feedback resistance
Rf
Measurement cct 5
0.4
–
1.1
M
Ω
Built-in capacitance
CG
Design value. A monitor pattern on a wafer is tested.
5.58
6
6.42
pF
CD
9.3
10
10.7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com