Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5009AL2 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # CF5009AL2
Description  Crystal Oscillator Module ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5009AL2 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  CF5009AL2 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SM5009 series
NIPPON PRECISION CIRCUITS INC.—4
FUNCTIONAL DESCRIPTION
Standby Function
5009 AL
× series
When INH goes LOW, the oscillator stops and the oscillator output on Q becomes high impedance.
5009AH
×, AK×, AN×, CN× series
When INH goes LOW, the output on Q becomes high impedance, but internally the oscillator does not stop.
Power-save Pull-up Resistance (AL
× series only)
The INH pull-up resistance changes in response to the input level (HIGH or LOW). When INH goes LOW
(standby state), the pull-up resistance becomes large to reduce the current consumption during standby.
Current consumption and Output waveform with NPC’s standard crystal
Version
INH
Q
Oscillator
AL
× series
HIGH (or open)
Any fO , fO/2, fO/4, fO/8, fO/16 or fO/32 output frequency
Normal operation
LOW
High impedance
Stopped
AH
×, AK×, AN×, CN×
series
HIGH (or open)
Any fO , fO/2, fO/4, fO/8, fO/16 or fO/32 output frequency
Normal operation
LOW
High impedance
Normal operation
f [MHz]
R [
Ω]
L [mH]
Ca [fF]
Cb [pF]
30
17.2
4.36
6.46
2.26
40
16.8
2.90
5.47
2.08
L
Ca
R
Cb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com