Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5009AL2 Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # CF5009AL2
Description  Crystal Oscillator Module ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5009AL2 Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button CF5009AL2 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 10Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 11Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 12Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 13Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 14Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 15Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 16Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SM5009 series
NIPPON PRECISION CIRCUITS INC.—13
5V operation: VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to 85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr1
Measurement cct 3, load cct 2,
0.1VDD to 0.9VDD
CL = 15pF
–
2
4
ns
tr2
CL = 30pF
–
3.5
7
tr3
CL = 50pF
–
4
8
Output fall time
tf1
Measurement cct 3, load cct 2,
0.9VDD to 0.1VDD
CL = 15pF
–
2
4
ns
tf2
CL = 30pF
–
3.5
7
tf3
CL = 50pF
–
4
8
Output duty cycle1
1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty
Measurement cct 3, load cct 2, VDD = 5V, Ta = 25°C, CL = 50pF
45
–
55
%
Output disable delay time2
2. Oscillator stop function is built-in. When INH goes LOW, normal output stops. When INH goes HIGH, normal output is not resumed until after the
oscillator start-up time has elapsed.
tPLZ
Measurement cct 6, load cct 2, VDD = 5V, Ta = 25°C, CL ≤ 15pF
–
–
100
ns
Output enable delay time2
tPZL
–
–
100
ns
Maximum operating
frequency
fmax
Measurement cct 3
CF5009AL
×
40
–
–
MHz
SM5009AL
×S30
–
–
Measurement cct 3, Ta = –20 to +80
°C
SM5009AL
×S40
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com