Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5009AL2 Datasheet(PDF) 14 Page - Nippon Precision Circuits Inc

Part # CF5009AL2
Description  Crystal Oscillator Module ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5009AL2 Datasheet(HTML) 14 Page - Nippon Precision Circuits Inc

Back Button CF5009AL2 Datasheet HTML 10Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 11Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 12Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 13Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 14Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 15Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 16Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 17Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 18Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
SM5009 series
NIPPON PRECISION CIRCUITS INC.—14
5009AN
×/CN× series
3V operation: VDD = 2.7 to 3.3V, VSS = 0V, Ta = −20 to 80°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr1
Measurement cct 3, load cct 2,
0.1VDD to 0.9VDD ,CL = 15pF
SM5009AN1S, CF5009AN1
SM5009AN2S, CF5009AN2
–
3.5
9
ns
SM5009AN3S, CF5009AN3
SM5009AN4S, CF5009AN4
SM5009AN5S, CF5009AN5
SM5009AN6S, CF5009AN6
SM5009CN1S, CF5009CN1
SM5009CN2S, CF5009CN2
–5
13
tr2
Measurement cct 3, load cct 2,
0.1VDD to 0.9VDD ,CL = 30pF
SM5009AN1S, CF5009AN1
SM5009AN2S, CF5009AN2
–5
12
SM5009AN3S, CF5009AN3
SM5009AN4S, CF5009AN4
SM5009AN5S, CF5009AN5
SM5009AN6S, CF5009AN6
SM5009CN1S, CF5009CN1
SM5009CN2S, CF5009CN2
–7
16
Output fall time
tf1
Measurement cct 3, load cct 2,
0.9VDD to 0.1VDD ,CL = 15pF
SM5009AN1S, CF5009AN1
SM5009AN2S, CF5009AN2
–
3.5
9
ns
SM5009AN3S, CF5009AN3
SM5009AN4S, CF5009AN4
SM5009AN5S, CF5009AN5
SM5009AN6S, CF5009AN6
SM5009CN1S, CF5009CN1
SM5009CN2S, CF5009CN2
–5
13
tf2
Measurement cct 3, load cct 2,
0.9VDD to 0.1VDD ,CL = 30pF
SM5009AN1S, CF5009AN1
SM5009AN2S, CF5009AN2
–5
12
SM5009AN3S, CF5009AN3
SM5009AN4S, CF5009AN4
SM5009AN5S, CF5009AN5
SM5009AN6S, CF5009AN6
SM5009CN1S, CF5009CN1
SM5009CN2S, CF5009CN2
–7
16
Output duty cycle1
1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty
Measurement cct 3, load cct 2,
VDD = 3V, Ta = 25°C
CL = 30 pF,
SM5009AN
×S, CF5009AN×
45–55
%
CL = 15 pF,
SM5009CN
×S, CF5009CN×
40–60
Output disable delay time
tPLZ
Measurement cct 6, load cct 2, VDD = 3V, Ta = 25°C, CL ≤ 15pF
–
–
100
ns
Output enable delay time
tPZL
–
–
100
ns
Maximum operating
frequency
fmax
Measurement cct 3
SM5009AN
×S, CF5009AN×
40
–
–
MHz
Ta = –10 to +70
°C,
SM5009CN
×S, CF5009CN×
30
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com