Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5009AL2 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF5009AL2
Description  Crystal Oscillator Module ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5009AL2 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF5009AL2 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SM5009 series
NIPPON PRECISION CIRCUITS INC.—1
Crystal Oscillator Module ICs
OVERVIEW
The SM5009 series are crystal oscillator module ICs that incorporate low crystal current type oscillating circuit
to limit oscillator-stage current, so that they can reduce crystal current lower than the existing products. Since
the oscillating circuit has oscillator capacitors with excellent frequency response and feedback resistor built-in,
just connecting crystal realizes stable fundamental oscillation responding up to 40MHz. The SM5009 series
are ideal for SMD type crystal oscillator using a strip-shaped crystal blank.
FEATURES
I
Low crystal current oscillator
I
Up to 40MHz operating frequency range (funda-
mental oscillation)
I
Operating supply voltage range
• 3V operation: 2.7 to 3.6V
• 5V operation: 4.5 to 5.5V
I
–40 to 85
°C operating temperature range
I
Oscillation capacitors CG, CD built-in
I
Inverter amplifier feedback resistor built-in
I
Standby function
• Oscillator stops (AL series), high impedance in
standby mode
I
Low standby current
• Power-save pull-up resistor built-in (AL series)
I
Frequency divider built-in (fO, fO/2, fO/4, fO/8,
fO/16, fO/32 determined by internal connection)
I
Output drive capability
•AL
×, AN×, AK×, CN×: 16mA (VDD = 4.5V)
•AH
×: 4mA (VDD = 4.5V)
I
Output load: CL = 50pF max.
I
Output duty level
• CMOS level (1/2 VDD): AL
×, AN×, AH×, CN×
• TTL level (1.4V): AK
×
I
Molybdenum-gate CMOS process
I
8-pin SOP (SM5009
×××S)
I
Chip form (CF5009
×××)
SERIES CONFIGURATION
APPLICATIONS
I
SMD type crystal oscillator module
ORDERING INFORMATION
Version1
1. Package devices (8-pin SOP) have designation SM5009
×××S.
3V operation
5V operation
Output
duty level
Output
frequency
INH Input
level
Standby mode
Recommended
operating
frequency
range2 [MHz]
2. The recommended operating frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscil-
lator frequency band is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so
the oscillation characteristics of components must be carefully evaluated.
Output
load3 (max)
[pF]
3. Output load value is the maximum load capacitance that allows drive.
Recommended
operating
frequency
range2 [MHz]
Output
load3 (max)
[pF]
Oscillator
stop
function
Output
state
CF5009AL1
Up to 40
50
Up to 40
50
CMOS
fO
CMOS
Yes
Hi-Z
CF5009AL2
fO/2
CF5009AL3
fO/4
CF5009AL4
fO/8
CF5009AL5
fO/16
CF5009AL6
fO/32
CF5009AN1
Up to 40
30
Up to 40
50
CMOS
fO
TTL
No
Hi-Z
CF5009AN2
fO/2
CF5009AN3
CMOS/TTL
fO/4
CF5009AN4
fO/8
CF5009AN5
fO/16
CF5009AN6
fO/32
CF5009CN1
Up to 30
15
Up to 30
50
CMOS
fO
TTL
No
Hi-Z
CF5009CN2
fO/2
CF5009AK1
–
–
Up to 40
15
TTL
fO
TTL
No
Hi-Z
CF5009AK2
fO/2
CF5009AH1
Up to 16
15
Up to 30
15
CMOS
fO
TTL
No
Hi-Z
CF5009AH2
fO/2
CF5009AH3
fO/4
CF5009AH4
fO/8
Device
Package
SM5009
×××S
8-pin SOP
CF5009
×××–1
Chip form


Similar Part No. - CF5009AL2

ManufacturerPart #DatasheetDescription
logo
Cvilux Corporation
CF50091D0R0-10-NH CVILUX-CF50091D0R0-10-NH Datasheet
785Kb / 3P
1.00mm(039") ZIF FFC/FPC ONE-TOUCH CONNECTOR
14.11.14
More results

Similar Description - CF5009AL2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com