Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC Datasheet (PDF) - Hitachi Semiconductor

HD74AC Datasheet PDF - Hitachi Semiconductor
Part # HD74AC
Download  HD74AC Download
File Size   214.31 Kbytes
Page   52 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description HD74AC Series Common Information

HD74AC Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74AC Datasheet PDF - Hitachi Semiconductor

Part # HD74AC
Download  HD74AC Click to download

File Size   214.31 Kbytes
Page   52 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description HD74AC Series Common Information

HD74AC Datasheet (HTML) - Hitachi Semiconductor


HD74AC Product details

Characteristics
• Full logic product line
• Industry standard functions and pinouts for SSI and MSI
• Meets or exceeds JEDEC standards for HD74ACXX family
• TTL inputs on selected circuits
• High performance outputs
    - Common output structure for standard and buffer drivers
    - Output Sink/Source Current of 24 mA
    - Transmission line driving 50 Ω guaranteed
• Operation from 2 to 6 volts guaranteed
• Temperature range –40°C to +85°C
• Improved ESD protection network
• High current latch-up immunity




Similar Part No. - HD74AC

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC00 HITACHI-HD74AC00 Datasheet
43Kb / 7P
Quad 2-Input NAND Gate
logo
Renesas Technology Corp
HD74AC00 RENESAS-HD74AC00 Datasheet
101Kb / 7P
Quad 2-Input NAND Gate
HD74AC00FPEL RENESAS-HD74AC00FPEL Datasheet
101Kb / 7P
Quad 2-Input NAND Gate
HD74AC00FPEL RENESAS-HD74AC00FPEL Datasheet
120Kb / 9P
Quad 2-Input NAND Gate
HD74AC00P RENESAS-HD74AC00P Datasheet
101Kb / 7P
Quad 2-Input NAND Gate
More results


Similar Description - HD74AC

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS50R12KT3 EUPEC-FS50R12KT3 Datasheet
316Kb / 8P
echnische Information / technical information
FD800R33KF2C-K EUPEC-FD800R33KF2C-K Datasheet
307Kb / 8P
Technische Information / technical information
FZ300R12KE3G EUPEC-FZ300R12KE3G Datasheet
288Kb / 8P
Technische Information / technical information
FD200R12KE3 EUPEC-FD200R12KE3 Datasheet
172Kb / 9P
Technische Information / technical information
BSM150GB120DLC EUPEC-BSM150GB120DLC Datasheet
90Kb / 8P
Technische Information / Technical Information
FF800R12KE3 EUPEC-FF800R12KE3 Datasheet
146Kb / 9P
Technische Information / technical information
logo
Infineon Technologies A...
DDB6U205N16L INFINEON-DDB6U205N16L Datasheet
285Kb / 7P
Technische Information / Technical Information
rev.2
FS225R12KE3 INFINEON-FS225R12KE3 Datasheet
576Kb / 9P
Technische Information / Technical Information
2013-02-18 revision:3.1
DD400S45KL3_B5 INFINEON-DD400S45KL3_B5 Datasheet
610Kb / 7P
Technische Information / Technical Information
2013-07-29 revision:3.0
DF900R12IP4DV INFINEON-DF900R12IP4DV Datasheet
1Mb / 9P
Technische Information / Technical Information
2014-04-28 revision:2.0
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com