Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 4Page - Hitachi Semiconductor HD74AC Datasheet HTML 5Page - Hitachi Semiconductor HD74AC Datasheet HTML 6Page - Hitachi Semiconductor HD74AC Datasheet HTML 7Page - Hitachi Semiconductor HD74AC Datasheet HTML 8Page - Hitachi Semiconductor HD74AC Datasheet HTML 9Page - Hitachi Semiconductor HD74AC Datasheet HTML 10Page - Hitachi Semiconductor HD74AC Datasheet HTML 11Page - Hitachi Semiconductor HD74AC Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
FACT Descriptions and Family Characteristics
7
Current (mA)
–0.1
0
0.1
VIN/IIN
0.2
–0.2
–2
2
–1
1
0
3
4
5
6
7
VCC = 5.0 V, Ta = 25°C
Figure 7 Input Characteristics V
IN/IIN
1.8 Choice of Voltage Specifications
To obtain better performance and higher density, semiconductor technologies are reducing the vertical and
horizontal dimensions of integrated device structures. Due to a number of electrical limitations in the
manufacture of VLSI devices and the need for low-voltage operation in memory cards, the JEDEC
committee decided to establish interface standards for devices operating at 3.3 V
±0.3 V. To this end,
Hitachi guarantees all of its devices operational at 3.3 V
±0.3 V. Note also that AC and DC specifications
are guaranteed between 3.0 and 5.5 V. Operation of FACT logic is also guaranteed from 2.0 to 6.0 V on
V
CC.
Operating Voltage Ranges
• FACT = 2.0 to 6.0 V
• ALS = 5.0 V ±10%
• LS = 5.0 V ±5%
• HC = 2.0 to 6.0 V
1.9 FACT Replaces LS, ALS, HCMOS
The Advanced CMOS family is specifically designed to outperform the LS, ALS, and HCMOS families.
Figure 8 shows the relative position of various logic families in speed/power performance.
Table 1 summarizes the key performance specifications for various competitive technology logic families.
Table 2 compares propagation delays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com