Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC Datasheet(PDF) 33 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 33 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 29Page - Hitachi Semiconductor HD74AC Datasheet HTML 30Page - Hitachi Semiconductor HD74AC Datasheet HTML 31Page - Hitachi Semiconductor HD74AC Datasheet HTML 32Page - Hitachi Semiconductor HD74AC Datasheet HTML 33Page - Hitachi Semiconductor HD74AC Datasheet HTML 34Page - Hitachi Semiconductor HD74AC Datasheet HTML 35Page - Hitachi Semiconductor HD74AC Datasheet HTML 36Page - Hitachi Semiconductor HD74AC Datasheet HTML 37Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
Design Considerations
32
1. Interfacing
FACT devices have outputs which combine balanced CMOS outputs with high current line driving
capability. Each standard output is guaranteed to source or sink 24 mA of current at worst case conditions.
This allows FACT circuits to drive more loads than standard advanced Schottky parts; FACT can directly
drive ALS, AS, LS, HC, and HCT devices.
AC/ACT
NMOS,
CMOS or
TTL
VCC
Figure 1 Interfacing FACT to NMOS, CMOS and TTL
FACT devices can be directly driven by both NMOS and CMOS families, as shown in figure 1, operating
at the same rail potential without special considerations. This is possible due to the low input loading of
FACT product, guaranteed to be less than 1
µA per input.
Some older technologies, including all existing TTL families, will not be able to drive FACT circuits
directly; this is due to inadequate high level capability, which is guaranteed to 2.4 V. There are two simple
approaches to the TTL-to-FACT interface problem. A TTL-to-CMOS converter can be constructed
employing a resistor pull-up to V
CC of approximately 4.7 kΩ, which is depicted in figure 2. The correct
high level is seen by the CMOS device while not loading down the TTL driver.
TTL
AC
Figure 2 V
IH Pull-Up on TTL Outputs
Unfortunately, there will be designs where including a pull-up resistor will not be acceptable. In these
cases, such as a terminated TTL bus, Hitachi has designed devices which offer thresholds that are TTL-
compatible (figure 3). These interfaces tend to be slightly slower than their CMOS-level counter-parts due
to an extra buffer stage required for level conversion.
TTL
VCC
ACT
Figure 3 TTL Interfacing to HD74ACT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com