Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC Datasheet(PDF) 12 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 12 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 8Page - Hitachi Semiconductor HD74AC Datasheet HTML 9Page - Hitachi Semiconductor HD74AC Datasheet HTML 10Page - Hitachi Semiconductor HD74AC Datasheet HTML 11Page - Hitachi Semiconductor HD74AC Datasheet HTML 12Page - Hitachi Semiconductor HD74AC Datasheet HTML 13Page - Hitachi Semiconductor HD74AC Datasheet HTML 14Page - Hitachi Semiconductor HD74AC Datasheet HTML 15Page - Hitachi Semiconductor HD74AC Datasheet HTML 16Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
FACT Descriptions and Family Characteristics
11
VCC
SET
CLR
D
CLK
Q
Q
’74
SET
CLR
D
CLK
Q
Q
’74
SET
CLR
D
CLK
Q
Q
’74
SET
CLR
D
CLK
Q
Q
’74
E1
E2
E3
A0
A1
A2
01
02
03
04
05
06
07
08
Input
’04 Load Devices
’138
Figure 9 Power Demonstration Circuit Schematic
3. The power supply current is measure and recorded at input frequencies of 200 kHz and 1 MHz.
4. The power dissipation capacitance is calculated by solving the two simultaneous equations
P
1 = (CPD • VCC
2 • f
1) + (ICC • VCC)
P
2 = (CPD • VCC
2 • f
2) + (ICC • VCC)
giving
C
PD = (P1 – P2)/VCC
2 (f
1 – f 2)
or
C
PD = (I1 – I 2)/VCC(f1 – f 2)
where
I
1 = supply current at f1 = 200 kHz.
I
2 = supply current at f2 = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com