Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC Datasheet(PDF) 27 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 27 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 23Page - Hitachi Semiconductor HD74AC Datasheet HTML 24Page - Hitachi Semiconductor HD74AC Datasheet HTML 25Page - Hitachi Semiconductor HD74AC Datasheet HTML 26Page - Hitachi Semiconductor HD74AC Datasheet HTML 27Page - Hitachi Semiconductor HD74AC Datasheet HTML 28Page - Hitachi Semiconductor HD74AC Datasheet HTML 29Page - Hitachi Semiconductor HD74AC Datasheet HTML 30Page - Hitachi Semiconductor HD74AC Datasheet HTML 31Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
Definition of Specifications
26
CONTROL
IN
CLOCK
tPHL
tPLH
Vmi
Vmi
Vm
Vmo
tw
trec
OUTPUT
Vmi = 50% V
CC for HD74AC devices; 1.5 V for HD74ACT devices
Vmo = 50% V
CC for HD74AC/HD74ACT devices
Figure 4 Propagation Delay, Pulse Width, and t
rec Waveforms
3.5 Enable and Disable Times
Figures 5 and 6 show that the disable times are measured at the point where the output voltage has risen or
fallen by 10% from the voltage rail level (i.e., ground for t
LZ or VCC for tHZ) . This change enhances the
repeatability of measurements, reduces test time, and gives the system designer more realistic delay times
to use in calculating minimum cycle times. Since the high-impedance state rising or falling waveform is
RC-controlled, the first 10% of change is more linear and is less susceptible to external influences. More
importantly, perhaps from the system designer’s point of view, a change in voltage of 10% is adequate to
ensure that a device output has turned off. Measuring to a larger change in voltage merely exaggerates the
apparent Disable time and thus penalizes system performance since the designer must use the Enable and
Disable times to device worst case timing signals to ensure that the output of one device is disabled befor
that of another device is enabled.
OUTPUT
CONTROL
DATA
OUT
Vmi
Vmo
–0.3 V
VCC
90% VCC
tHZ
tZH
Vmi = 50% V
CC for HD74AC devices; 1.5 V for HD74ACT devices
Vmo = 50% V
CC for HD74AC/HD74ACT devices
Figure 5 3-State Output High Enable and Disable Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com