Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD74AC Datasheet HTML 1Page - Hitachi Semiconductor HD74AC Datasheet HTML 2Page - Hitachi Semiconductor HD74AC Datasheet HTML 3Page - Hitachi Semiconductor HD74AC Datasheet HTML 4Page - Hitachi Semiconductor HD74AC Datasheet HTML 5Page - Hitachi Semiconductor HD74AC Datasheet HTML 6Page - Hitachi Semiconductor HD74AC Datasheet HTML 7Page - Hitachi Semiconductor HD74AC Datasheet HTML 8Page - Hitachi Semiconductor HD74AC Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
FACT Descriptions and Family Characteristics
3
AC performance specifications are guaranteed at 5.0 V
± 0.5 V and 3.3 V ± 0.3 V. For worst case design at
2.0 V V
CC on all device types, the formula below can be used to determine AC performance.
AC performance at 2.0 V V
CC = 1.9 × AC specification at 3.3 V
1.5 Multiple Output Switching
Propagation delay is affected by the number of outputs switching simultaneously. Typically, devices with
more than one output will follow the rule: for each output switching, derate the databook specification by
250 ps. This effect typically is not significant on an octal device unless more than four outputs are
switching simultaneously. This derating is valid for the entire temperature range and 5.0 V
± 10% V
CC.
1.6 Noise Immunity
The noise immunity of a logic family is also an important equipment cost factor in terms of decoupling
components, power supply dynamic resistance and regulation as well as layout rules for PC boards and
signal cables.
The comparisons shown describe the difference between the input threshold of a device and the output
voltage, |V
IL–VOL| / |VIH–VOH| at 4.5 V VCC.
• FACT = 1.25/1.25 V
• ALS = 0.4/0.7 V
• LS = 0.3/0.7 V@ 4.75 V V
CC
• HC = 1.25/1.25 V
1.7 Output Characteristics
All FACT outputs are buffered to ensure consistent output voltage and current specifications across the
family. Both HD74AC and HD74ACT device types have the same output structures. Two clamp diodes
are internally connected to the output pin to suppress voltage overshoot and undershoot in noisy system
applications witch can result from impedance mismatching. The balanced output design allows for
controlled edge rates and equal rise and fall times.
All devices (HD74AC or HD74ACT) are guaranteed to source and sink 24 mA. HD74AC/ACTXXX, are
capable of driving 50
Ω transmission lines.
1.7.1 I
OL/IOH Characteristics
• FACT = 24/–24 mA
• ALS = 24/–15 mA
• LS = 8/–0.4 mA @ 4.75 V V
CC
• HC = 4/–4 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com