Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC Datasheet(PDF) 39 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 39 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 35Page - Hitachi Semiconductor HD74AC Datasheet HTML 36Page - Hitachi Semiconductor HD74AC Datasheet HTML 37Page - Hitachi Semiconductor HD74AC Datasheet HTML 38Page - Hitachi Semiconductor HD74AC Datasheet HTML 39Page - Hitachi Semiconductor HD74AC Datasheet HTML 40Page - Hitachi Semiconductor HD74AC Datasheet HTML 41Page - Hitachi Semiconductor HD74AC Datasheet HTML 42Page - Hitachi Semiconductor HD74AC Datasheet HTML 43Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Design Considerations
38
3. CMOS Bus Loading
CMOS logic devices have clamp diodes from all inputs and outputs to V
CC and ground. While these diodes
increase system reliability by damping out undershoot and overshoot noise, they can cause problems if
power is lost.
Figure 10 exemplifies the situation when power is removed. Any input driven above the V
CC pin will
forward-bias the clamp diode. Current can then flow into the device, and out V
CC or any output that is high.
Depending upon the system, this current, I
IN, can be quite high, and may not allow the bus voltage to reach
a valid high state. One possible solution to eliminate this problem is to place a series resistor in the line.
VCC
Input
Output
ICC
IIN
Iout
Figure 10 Clamp Diode Operation
4. Noise Effects
FACT offers the best noise immunity of any competing technology available today. With input thresholds
specified at 30% and 70% of V
CC and outputs that drive to within 100 mV of the rails, FACT devices offer
noise margins approaching 30% of V
CC. At 5 V VCC, FACT’s specified input and output levels give almost
1.5 V of noise margin for both ground and V
CC-born noise. With realistic input thresholds closer to 50% of
V
CC, the actual margins approach 2.5 V.
However, even the most advanced technology cannot alone eliminate noise problems. Good circuit board
layout techniques are essential to take full advantage of the superior performance of FACT circuits.
Well-designed circuit boards also help eliminate manufacturing and testing problems.
Another recommended practice is to segment the board into a high-speed area, a medium-speed area and a
low-speed area. The circuit areas with high current requirements (i.e., buffer circuits and high-speed logic)
should be as close to the power supplies as possible; low-speed circuit areas can be furthest away.
Decoupling capacitors should be adjacent to all buffer chips; they should be distributed throughout the
logic: one capacitor per ship. Transmission lines need to be terminated to keep reflections minimal. To
minimize crosstalk, long signal lines should not be close together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com