Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC Datasheet(PDF) 35 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 35 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 31Page - Hitachi Semiconductor HD74AC Datasheet HTML 32Page - Hitachi Semiconductor HD74AC Datasheet HTML 33Page - Hitachi Semiconductor HD74AC Datasheet HTML 34Page - Hitachi Semiconductor HD74AC Datasheet HTML 35Page - Hitachi Semiconductor HD74AC Datasheet HTML 36Page - Hitachi Semiconductor HD74AC Datasheet HTML 37Page - Hitachi Semiconductor HD74AC Datasheet HTML 38Page - Hitachi Semiconductor HD74AC Datasheet HTML 39Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
Design Considerations
34
620
620
T1
D2
D3
D1
5.0V
510
T1,T2 - 2SC641 (K)
D1,D2 - HP5082 - 2811
D3 - IN414 OR IN 4148
–5.2V
AC
ECL
Figure 6 Differential Output ECL-to-HD74AC Circuit
It should be understood that for FACT, as with other CMOS technologies, input levels that are between
specified input values will cause both transistors in the CMOS structure to be conducting. This will cause a
low resistive path from the supply rail to ground, increasing the power consumption by several orders of
magnitude. It is important that CMOS inputs are always driven as close as possible to the rail.
Figure 7 Crystal Oscillator Circuit Implemented with FACT HD74AC00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com