Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC Datasheet(PDF) 19 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 19 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 15Page - Hitachi Semiconductor HD74AC Datasheet HTML 16Page - Hitachi Semiconductor HD74AC Datasheet HTML 17Page - Hitachi Semiconductor HD74AC Datasheet HTML 18Page - Hitachi Semiconductor HD74AC Datasheet HTML 19Page - Hitachi Semiconductor HD74AC Datasheet HTML 20Page - Hitachi Semiconductor HD74AC Datasheet HTML 21Page - Hitachi Semiconductor HD74AC Datasheet HTML 22Page - Hitachi Semiconductor HD74AC Datasheet HTML 23Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
Definition of Specifications
18
Definition of Specifications
1. Power Dissipation-Test Philosophy
In an erfort to reduce confusion about measuring C
PD, a JEDEC standard test procedure (7A Appendix E)
has been adopted, which specifies the test setup for each type of device. This allows a device to be
exercised in a consistent manner for the purpose of specification comparison. All device measurements are
made with V
CC = 5.0 V at 25°C, with 3-state outputs both enabled and disabled.
• Gates: Switch one input. Bias the remaining inputs such that the output switches.
• Latches: Switch the Enable and D inputs such that the latch toggles.
• Flip-Flops: Switch the clock pin while changing D (or bias J and K) such that the output (s) change each
clock cycle. For parts with a common clock, exercise only one flip - flop.
• Decoders: Switch one address pin which changes two outputs.
• Multiplexers: Switch one address pin with the corresponding data inputs at opposite logic levels so that
the output switches.
• Counters: Switch the clock pin with other inputs biased such that the device counts.
• Shift Registers: Switch the clock pin with other inputs biased such that the device counts.
• Transceivers: Switch one data input. For bidirectional devices enable only one direction.
• Parity Generator: Switch one input.
• Priority Encoders: Switch the lowest priority input.
• Load Capacitance: Each output which is switching should be loaded with the standard 50 pF. The
equivalent load capacitance, based upon the number of outputs switching and their
respective frequency, is then subtracted form the measured gross C
PD number to
obtain the device’s actual C
PD value.
If the device is tested at a high enough frequency, the static supply current can be ignored. Thus at 1 MHz,
the following formula can be used to calculate C
PD:
C
PD = ICC/ (VCC) (1 × 10
6) – Equivalent Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com