Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC Datasheet(PDF) 52 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 52 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 44Page - Hitachi Semiconductor HD74AC Datasheet HTML 45Page - Hitachi Semiconductor HD74AC Datasheet HTML 46Page - Hitachi Semiconductor HD74AC Datasheet HTML 47Page - Hitachi Semiconductor HD74AC Datasheet HTML 48Page - Hitachi Semiconductor HD74AC Datasheet HTML 49Page - Hitachi Semiconductor HD74AC Datasheet HTML 50Page - Hitachi Semiconductor HD74AC Datasheet HTML 51Page - Hitachi Semiconductor HD74AC Datasheet HTML 52Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 52 / 52 page
background image
Design Considerations
51
flowing back down the line equal to the current flowing in the line prior to the opening of the switch. This
current wave will propagate down the line where it will encounter the high impedance tester load. This will
cause the wave to be reflected back down the line toward the DUT. The current wave will continue to
reflect in the transmission line until it reaches the voltage applied to the tester load. At this point, the
current source impedance decreases and it will dissipate the current. A typical waveshape on a modern
ATE is depicted in figure 27.
OUTPUT
OE
Time (ns)
12
3
4
5
6789 10 11 12
0
1
2
3
4
5
Figure 27 Typical ATE 3-State Waveform
Transmission line theory states that the voltage level of this current wave is equal to the current in the line
times the impedance of the line. With typical currents as low as 5 mA and impedances of 50 to 60
Ω, this
voltage step can be as minimal as 250 mV. If the comparator was programmed to the 10% point, it would
be looking for a step of 550 mV at 5.5 V V
CC. Three reflections of the current pulse would be required
before the comparator would detect the level. It is this added delay time caused by the transmission line
environment of the ATE that may cause parts to fail customers’ incoming tests, even though the device
meets specifications. Figure 28 graphically shows this stepout.
Time (ns)
12
3
4
5
6
B
AC
7
8
9 10 11 12
0
1
2
3
4
5
Figure 28 Measurement Stepout
Point A represents the typical 50% measurement point on tester driven waveforms. Point B represents the
point at which the delay time would be measured on a bench test fixture. Point C represents where the
delay time could be measured on ATE fixtures. The delay time measured on the ATE fixture can vary
from the bench measured delay time to some greater value, depending upon the voltage level that the tester
is set. If the voltage level of the tester is close to voltage levels of the plateaus, the results may become
non-repeatable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com