Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC Datasheet(PDF) 34 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 34 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 30Page - Hitachi Semiconductor HD74AC Datasheet HTML 31Page - Hitachi Semiconductor HD74AC Datasheet HTML 32Page - Hitachi Semiconductor HD74AC Datasheet HTML 33Page - Hitachi Semiconductor HD74AC Datasheet HTML 34Page - Hitachi Semiconductor HD74AC Datasheet HTML 35Page - Hitachi Semiconductor HD74AC Datasheet HTML 36Page - Hitachi Semiconductor HD74AC Datasheet HTML 37Page - Hitachi Semiconductor HD74AC Datasheet HTML 38Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
Design Considerations
33
ECL devices cannot directly drive FACT devices. Interfacing FACT-to-ECL can be accomplished by
using TTL-to-ECL translators and 10125 ECL-to-TTL translators in addition to following the same rules
on the TTL outputs to CMOS inputs (i.e., a resistor pull-up to V
CC of approximately 4.7 kΩ). The
translation can also be accomplished by a resistive network. A three-resistor interface between FACT and
ECL logic is illustrated in figure 4. Figures 5 and 6 show the translation from ECL-to-FACT, which is
somewhat more complicated. These two examples offer some possible interfaces between ECL and FACT
logic.
AC/ACT
+5V
560
Ω
510
Ω
–5.2V
470
Ω
Figure 4 Resistive FACT-to-ECL Translation
270
510
T1
T2
D2
D1
5.0V
510
Vbb
AC
ECL
T1,T2 - 2SC641 (K)
D1,D2 - HP5082 - 2811
–5.2V
Figure 5 Single-Ended ECL-to-HD74AC Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com