Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC Datasheet(PDF) 31 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 31 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 27Page - Hitachi Semiconductor HD74AC Datasheet HTML 28Page - Hitachi Semiconductor HD74AC Datasheet HTML 29Page - Hitachi Semiconductor HD74AC Datasheet HTML 30Page - Hitachi Semiconductor HD74AC Datasheet HTML 31Page - Hitachi Semiconductor HD74AC Datasheet HTML 32Page - Hitachi Semiconductor HD74AC Datasheet HTML 33Page - Hitachi Semiconductor HD74AC Datasheet HTML 34Page - Hitachi Semiconductor HD74AC Datasheet HTML 35Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
Definition of Specifications
30
Symbol
Term
Description
t
rec
Recovery time
Time period between the time when data at the
specified input terminal is released and the time
when another related input terminal (e.g., clock
input) can be changed
C
IN
Input capacitance
Capacitance between GND terminal and an input
terminal to which 0 V is applied
C
PD
Power Dissipation Capacitance
Equivalent device power capacitance in dynamic
state
Table 7
Explanation of Symbols Used in Function Tables
Symbol
Description
H
High level (in steady state; written H or "H" level in sentences)
L
Low level (in steady state; written L or "L" level in sentences)
Transition from L level to H level
Transition from H level to L level
X
Either H or L
Z
3-state output off (high impedance)
a·····h
Input level of steady state for each of inputs A-H
Q
0
Q level immediately before the indicated input condition is established
Q
0
Complement of Q
0
Q
n
Q level immediately before the latest active change (
or
) occurs
Single H level pulse
Single L level pulse
TOGGLE
Each output is changed to the complement of the preceding state by an active input
change (
or
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com