Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC Datasheet(PDF) 21 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 21 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 17Page - Hitachi Semiconductor HD74AC Datasheet HTML 18Page - Hitachi Semiconductor HD74AC Datasheet HTML 19Page - Hitachi Semiconductor HD74AC Datasheet HTML 20Page - Hitachi Semiconductor HD74AC Datasheet HTML 21Page - Hitachi Semiconductor HD74AC Datasheet HTML 22Page - Hitachi Semiconductor HD74AC Datasheet HTML 23Page - Hitachi Semiconductor HD74AC Datasheet HTML 24Page - Hitachi Semiconductor HD74AC Datasheet HTML 25Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
Definition of Specifications
20
Table 3 DC Characteristics for HD74AC Family Devices
Ta = +25
°C
Ta = –40 to +85
°C
Parameter
Symbol V
CC (V)
Typ
Guaranteed Limit
Unit
Condition
Minimum
V
IH
3.0
1.5
2.1
2.1
V
Vout = 0.1V or
High Level Input
4.5
2.25
3.15 3.15
V
CC –0.1V
Voltage
5.5
2.75
3.85 3.85
Maximum
V
IL
3.0
1.5
0.9
0.9
V
Vout = 0.1 V or
Low Level Input
4.5
2.25
1.35 1.35
V
CC –0.1V
Voltage
5.5
2.75
1.65 1.65
Maximum
V
OH
3.0
2.99
2.9
2.9
V
I
OUT = –50 µA
High Level
4.5
4.49
4.4
4.4
Output Voltage
5.5
5.49
5.4
5.4
3.0
2.58 2.48
V
V
IN = VIL or VIH
4.5
3.94 3.80
–12 mA I
OH –24 mA
5.5
4.94 4.80
*
1 –24 mA
Maximum
V
OL
3.0
0.002
0.1
0.1
V
I
OUT = 50 µ A
Low Level
4.5
0.001
0.1
0.1
Output Voltage
5.5
0.001
0.1
0.1
3.0
0.32 0.37
V
V
IN = VIL or VIH
4.5
0.32 0.37
12 mA I
OL 24 mA
5.5
0.32 0.37
*
1 24 mA
Maximum
Input Leakage
Current
I
IN
5.5
±0.1 ±1.0
µAV
I = VCC, GND
Maximum
3-State
Current
I
OZ
5.5
±0.5 ±5.0
µAV
I (OE) = VIL, VIH
V
I = VCC, VGND
V
O = VCC, GND
Minimum
Dynamic Output
Current *
2
I
OLD
5.5
86
mA
V
OLD = 1.1 V
I
OHD
5.5
–75
mA
V
OHD = 3.85 V
Notes: 1. All outputs loaded; thresholds on input associated with output under test.
2. Maximum test duration 2.0 ms, one output loaded at a time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com