Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC Datasheet(PDF) 29 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 29 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 25Page - Hitachi Semiconductor HD74AC Datasheet HTML 26Page - Hitachi Semiconductor HD74AC Datasheet HTML 27Page - Hitachi Semiconductor HD74AC Datasheet HTML 28Page - Hitachi Semiconductor HD74AC Datasheet HTML 29Page - Hitachi Semiconductor HD74AC Datasheet HTML 30Page - Hitachi Semiconductor HD74AC Datasheet HTML 31Page - Hitachi Semiconductor HD74AC Datasheet HTML 32Page - Hitachi Semiconductor HD74AC Datasheet HTML 33Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
Definition of Specifications
28
4. Symbols and Terms Defined for HD74AC Series
Explanation of Symbols Used in Electrical Characteristics and Recommended Operating Conditions
Table 5 DC Characteristics
Symbol
Term
Description
V
IH
High level input voltage
High level input voltage to ensure that a logic element operates
under some constraint
V
IL
Low level input voltage
Low level input voltage to ensure that a logic element operates
under some constraint
V
OL
Low level output voltage
Output voltage in effect when, under the input condition for
bringing the output low, the rated output current is allowed to flow
to the output terminal
V
OH
High level output voltage
Output voltage in effect when, under the input condition for
bringing the output high, the rated output current is allowed to flow
to the output terminal
V
t
+
Forward input threshold
voltage
Input voltage in effect when the operation of a logic element varies
as the input is allowed to go up form a voltage level lower than the
reverse input threshold voltage V
t
-
V
t
-
Reverse input threshold
voltage
Input voltage in effect when the operation of a logic element varies
as the input is allowed to drop up form a voltage level higher than
the forward input threshold voltage V
t
+
V
h
Hysteresis voltage
Difference between forward input threshold voltage V
t
+ and reverse
threshold voltage V
t
-
I
IN
Input leakage current
Input current that flows in when the rated maximum input voltage
is applied to the input terminal
I
OZ
Off-state output current
(high-impedance)
Current that flows to the 3-state output of an element under the
input condition for bringing the output to high-impedance state
I
CC
Quiescent Supply current
Current that flows to the supply therminal (V
CC) under the rated
input condition
I
OLD
Minimum Dynamic Output
Current
Output current that flows in when, under the condition for bringing
the output low,the output terminal is tied to the rated out voltage
V
OLD.
I
OHD
Output current that flows out when, under the condition for
bringing the output high, the output terminal is tied to the rated out
voltage V
OHD.
I
CCT
Maximum I
CC /Input
Current that flows to the supply terminal (V
CC) under the rated input
condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com