Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC Datasheet(PDF) 45 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 45 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 41Page - Hitachi Semiconductor HD74AC Datasheet HTML 42Page - Hitachi Semiconductor HD74AC Datasheet HTML 43Page - Hitachi Semiconductor HD74AC Datasheet HTML 44Page - Hitachi Semiconductor HD74AC Datasheet HTML 45Page - Hitachi Semiconductor HD74AC Datasheet HTML 46Page - Hitachi Semiconductor HD74AC Datasheet HTML 47Page - Hitachi Semiconductor HD74AC Datasheet HTML 48Page - Hitachi Semiconductor HD74AC Datasheet HTML 49Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
Design Considerations
44
5. Design Rules
The set of design rules listed below are recommended to ensure reliable system operation by providing the
optimum power supply connection to the devices. Most designers will recognize these guidelines as those
they have employed with advanced bipolar logic families.
• Use multi-layer boards with V
CC and ground planes, with the device power pins soldered directly to the
planes to insure the lowest power line impedances possible.
• Use decoupling capacitors for every device, usually 0.10 µF should be adequate. These capacitors
should be located as close to the ground pin as possible.
• Avoid sockets or wirewrap boards whenever possible.
• Do not connect capacitors from the outputs directly to ground.
5.1 Decoupling Requirements
FACT, as with other high-performance, high-drive logic families, has special decoupling and printed circuit
board layout requirements. Adhering to these requirements will ensure the maximum advantages are
gained with FACT products.
Local high frequency decoupling is required to supply power to the chip when it is transitioning from a low
to a high value. This power is necessary to charge the load capacitance or drive a line impedance. Figure
17 displays various V
CC and ground layout schemes along with associated impedances.
For most power distribution networks, the typical impedance is between 50 and 100
Ω. This impedance
appears in series with the load impedance and will cause a droop in the V
CC at the part. This limits the
available voltage swing at the local node, unless some form of decoupling is used.
This drooping of rails will cause the rise and fall times to become elongated. Consider the example
described in figure 18 to calculate the amount of decoupling necessary. This circuit utilizes an
HD74AC240 driving a 100
Ω bus from a point somewhere in the middle.
Being in the middle of the bus, the driver will see two 100
Ω loads in parallel, or an effective impedance of
50
Ω. To switch the line from rail to rail, a drive of 78 mA is needed; more than 624 mA will be required if
all eight lines switch at once. This instantaneous current requirement will generate a voltage across the
impedance of the power lines, causing the actual V
CC at the chip to droop. This droop limits the voltage
swing available to the driver. The net effect of the voltage droop will lengthen device rise and fall times
and slow system operation. A local decoupling capacitor is required to act as a low impedance supply for
the driver chip during high current conditions. It will maintain the voltage with acceptable limits and keep
rise and fall times to minimum. The necessary values for decoupling capacitors can be calculated with the
formula given in figure 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com