Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC Datasheet(PDF) 17 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 17 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 13Page - Hitachi Semiconductor HD74AC Datasheet HTML 14Page - Hitachi Semiconductor HD74AC Datasheet HTML 15Page - Hitachi Semiconductor HD74AC Datasheet HTML 16Page - Hitachi Semiconductor HD74AC Datasheet HTML 17Page - Hitachi Semiconductor HD74AC Datasheet HTML 18Page - Hitachi Semiconductor HD74AC Datasheet HTML 19Page - Hitachi Semiconductor HD74AC Datasheet HTML 20Page - Hitachi Semiconductor HD74AC Datasheet HTML 21Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
FACT Descriptions and Family Characteristics
16
2.4 Electrostatic Discharge (ESD) Sensitivity
FACT circuits show excellent resistance to ESD-type damage. These logic devices are classified as
category ‘B’ of MIL-STD-883C, test method 3015, and withstand 4000 V typically. FACT logic is
guaranteed to have 2000 V ESD immunity on all inputs and outputs. FACT parts do not require any
special handling procedures. However, normal handling precautions should be observed as in the case of
any semiconductor device.
Figure 16 shows the ESD test circuit used in the sensitivity analysis for this specification. Figure 17 is the
pulse waveform required to perform the sensitivity test.
The test procedure is as follows: five pulses, each of 2000 V, are applied to every combination of pins with
a five second cool-down period between each pulse. The polarity is then reversed and the same procedure,
pulse and pin combination used for an additional five discharges. Continue until all pins have been tested.
If none of the devices from the sample population fails the DC and AC test characteristics, the device shall
be classified as category B of MIL-STD-883C, TM-3015. For further specifications of TM-3015, refer to
the relevant standard. The voltage is increased and the testing procedure is again performed; this entire
process is repeated until all pins fail. This is done to thoroughly evaluate all pins.
Regulated
High Voltage
Supply
DC
Voltmeter
DUT
Waveform
Terminals
R1 = 800kΩ (min)
30
Ω (max)
R2 = 1500Ω
Charge
Discharge
High Voltage
Relay
R3 = 1500Ω
Calibrate
Test
C1 = 100pF
Figure 16 ESD Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com