Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HD74AC Datasheet HTML 1Page - Hitachi Semiconductor HD74AC Datasheet HTML 2Page - Hitachi Semiconductor HD74AC Datasheet HTML 3Page - Hitachi Semiconductor HD74AC Datasheet HTML 4Page - Hitachi Semiconductor HD74AC Datasheet HTML 5Page - Hitachi Semiconductor HD74AC Datasheet HTML 6Page - Hitachi Semiconductor HD74AC Datasheet HTML 7Page - Hitachi Semiconductor HD74AC Datasheet HTML 8Page - Hitachi Semiconductor HD74AC Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
FACT Descriptions and Family Characteristics
2
1.3 Low Power CMOS Operation
If there is one single characteristic that justifies the existence of CMOS, it is low power dissipation. In the
quiescent state, FACT draws three orders of magnitude less power than the equivalent LS or ALS TTL
device. This enhances system reliability; because costly regulated high current power supplies, heat sinks
and fans are eliminated. FACT logic devices are ideal for portable systems such as laptop computers and
backpack communications systems. Operating power is also very low for FACT logic. Power
consumption of various technologies with a clock frequency of 1 MHz is shown below.
• FACT = 0.1 mW/gate
• ALS = 1.2 mW/gate
• LS = 2.0 mW/gate
• HC = 0.1 mW/gate
Figure 1 illustrates the effects of I
CC versus power supply voltage (VCC) for two load capacitance values: 50
pF and stray capacitance. The clock frequency was 1 MHz for the measurements.
CL = 50 pF @ 1 MHz
CL = Fixture Capacitance
@ 1 MHz
6
4
VCC (Volts)
2
0
0
100
200
300
400
500
Figure 1 I
CC vs VCC
1.4 AC Performance
In comparison to LS, ALS and HC families, FACT devices have faster internal gate delays as well as the
basic gate delays. Additionally, as the level of integration increases, FACT logic leads the way to very
high-speed systems.
The example below describes typical values for a HD74XX138, 3 to 8 line decoder.
• FACT = 6.0 ns @ C
L = 50 pF
• ALS = 12.0 ns @ C
L = 50 pF
• LS = 27.0 ns @ C
L = 15 pF
• HC = 17.0 ns @ C
L = 50 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com