Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HD74AC Datasheet HTML 1Page - Hitachi Semiconductor HD74AC Datasheet HTML 2Page - Hitachi Semiconductor HD74AC Datasheet HTML 3Page - Hitachi Semiconductor HD74AC Datasheet HTML 4Page - Hitachi Semiconductor HD74AC Datasheet HTML 5Page - Hitachi Semiconductor HD74AC Datasheet HTML 6Page - Hitachi Semiconductor HD74AC Datasheet HTML 7Page - Hitachi Semiconductor HD74AC Datasheet HTML 8Page - Hitachi Semiconductor HD74AC Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
FACT Descriptions and Family Characteristics
1
FACT Descriptions and Family Characteristics
1. Advanced CMOS FACT Logic
FACT logic offers a unique combination of high speed, low power dissipation, high noise immunity, wide
fanout capability, extended power supply range and high reliability.
This data book describes the product line with device specifications as well as material discussing design
considerations and comparing the FACT family to predecessor technologies.
For direct replacement of LS, ALS and other TTL devices, HD74ACT circuits with TTL-type input
thresholds are included in the FACT family. These include the more popular bus drivers/transceivers as
well as many other HD74ACTXXX devices.
1.1 Characteristics
• Full logic product line
• Industry standard functions and pinouts for SSI and MSI
• Meets or exceeds JEDEC standards for HD74ACXX family
• TTL inputs on selected circuits
• High performance outputs
 Common output structure for standard and buffer drivers
 Output Sink/Source Current of 24 mA
 Transmission line driving 50 Ω guaranteed
• Operation from 2 to 6 volts guaranteed
• Temperature range –40°C to +85°C
• Improved ESD protection network
• High current latch-up immunity
1.2 Interfacing
FACT devices have a wide operating voltage range (V
CC = 2 to 6 VDC) and sufficient current drive to
interface with most other logic families available today.
Device designators are as follows:
• HD74AC is a high-speed CMOS device with CMOS input switching levels and buffered CMOS outputs
that can drive
±24 mA of I
OH and IOL current.
Industry standard HD74AC nomenclature and pinouts are
used.
• HD74ACT is a high-speed CMOS device with a TTL-to-CMOS input buffer stage. These device inputs
are designed to interface with TTL outputs operating with a V
CC = 5 V ±0.5 V with VOH = 2.4 V and VOL
= 0.4 V, but are functional over the entire FACT operating voltage range of 2.0 to 5.5 VDC. These
devices have buffered outputs that will drive CMOS or TTL devices with no additional interface
circuitry. HD74ACT devices have the same output structures as HD74AC devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com