Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC Datasheet(PDF) 28 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 28 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 24Page - Hitachi Semiconductor HD74AC Datasheet HTML 25Page - Hitachi Semiconductor HD74AC Datasheet HTML 26Page - Hitachi Semiconductor HD74AC Datasheet HTML 27Page - Hitachi Semiconductor HD74AC Datasheet HTML 28Page - Hitachi Semiconductor HD74AC Datasheet HTML 29Page - Hitachi Semiconductor HD74AC Datasheet HTML 30Page - Hitachi Semiconductor HD74AC Datasheet HTML 31Page - Hitachi Semiconductor HD74AC Datasheet HTML 32Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
Definition of Specifications
27
OUTPUT
CONTROL
DATA
OUT
Vmi
Vmo
10% VCC
Gnd
tLZ
tZL
Vmi = 50% V
CC for HD74AC devices; 1.5 V for HD74ACT devices
Vmo = 50% V
CC for HD74AC/HD74ACT devices
Figure 6 3-State Output Low Enable and Disable Times
3.6 Electrostatic Discharge
Precautions should be taken to prevent damage to devices by electrostatic discharge. Static charge tends to
accumulate on insulated surfaces such as synthetic fabrics or carpeting, plastic sheets, trays, foam, tubes or
bags, and on ungrounded electrical tools or appliances. The problem is much worse in a dry atmosphere.
In general, it is recommended that individuals take the precaution of touching a known ground before
handling devices. More often, handling equipment that is not properly grounded, causes damage to parts.
Ensure that all plastic parts of the tester, that are near the device, are conductive and connected to ground.
DATA
IN
CONTROL
INPUT
MR
OR
CLEAR
Vmi
Vmi
Vmi
tsu
tsu
th
trec
Vmi = 50% V
CC for HD74AC devices; 1.5 V for HD74ACT devices
Vmo = 50% V
CC for HD74AC/HD74ACT devices
Figure 7 Setup Time, Hold Time and Recovery Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com