Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 5Page - Hitachi Semiconductor HD74AC Datasheet HTML 6Page - Hitachi Semiconductor HD74AC Datasheet HTML 7Page - Hitachi Semiconductor HD74AC Datasheet HTML 8Page - Hitachi Semiconductor HD74AC Datasheet HTML 9Page - Hitachi Semiconductor HD74AC Datasheet HTML 10Page - Hitachi Semiconductor HD74AC Datasheet HTML 11Page - Hitachi Semiconductor HD74AC Datasheet HTML 12Page - Hitachi Semiconductor HD74AC Datasheet HTML 13Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
FACT Descriptions and Family Characteristics
8
0.001
0.3
1.0
3.0
10.0
2
4
6
8
10
HC
FACT
ALS
LS
FAST
AS
Power Per Gate (mW)
(Not to scale)
Figure8
Propagation Delays
Table 1a Logic Family Comparisons General Characteristics (All Max Ratings)
FACT
Characteristics
Symbol
LS
ALS
HCMOS
HD74AC
HD74ACT
Unit
Operating voltage
range
V
CC/EE/DD
5
± 5%
5
± 10% 2.0 to 6.0
2.0 to 6.0
4.5 to 5.5
V
Operating
temperature
range
–20 to +75 0 to +70 –40 to +85
–40 to +85
–40 to +85
°C
Input voltage
(limits)
V
IH (min)
2.0
2.0
3.15
3.15
2.0
V
V
IL (max)
0.8
0.8
1.35
1.35
0.8
V
Output voltage
(limits)
V
OH (min)
2.7
2.7
V
CC – 0.1
V
CC – 0.1
V
CC – 0.1
V
V
OL (max)
0.5
0.5
0.1
0.1
0.1
V
Input current
I
IH
20
20
+1.0
+1.0
+1.0
µA
I
IL
–400
–200
–1.0
–1.0
–1.0
µA
Output current at
V
0 (limit)
I
OH
–0.4
–0.4
–4.0 @ V
CC–
0.37
–24 @ V
CC–
0.7
–24 @ V
CC–
0.7
mA
I
OL
8.0
8.0
4.0 @ 0.33 V
24 @ 0.37 V
24 @ 0.37 V
mA
DC noise margin
low/high
DCM
0.3/0.7
0.4/0.7
1.25/1.25
1.25/1.25
0.7/2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com