Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC Datasheet(PDF) 49 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 49 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 44Page - Hitachi Semiconductor HD74AC Datasheet HTML 45Page - Hitachi Semiconductor HD74AC Datasheet HTML 46Page - Hitachi Semiconductor HD74AC Datasheet HTML 47Page - Hitachi Semiconductor HD74AC Datasheet HTML 48Page - Hitachi Semiconductor HD74AC Datasheet HTML 49Page - Hitachi Semiconductor HD74AC Datasheet HTML 50Page - Hitachi Semiconductor HD74AC Datasheet HTML 51Page - Hitachi Semiconductor HD74AC Datasheet HTML 52Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
Design Considerations
48
Since the static I
CC requirements of CMOS devices are so low, output load currents must be prevented from
masking the current load of the device during an I
CC test. Even a standard 500 Ω load resistor will sink 10
mA at 5 V, which is more than twice the I
CC level being tested. Thus, most manufacturers will specify that
all outputs must be unloaded during I
CC tests.
Another area of concern is identified when considering the inputs of the device. When the input is in the
transition region, I
CC can be several orders of magnitude greater than the specification. When the input
voltage is in the transition region, both the n-channel and the p-channel transistors in the input totem-pole
structure will be slightly on, and a conduction is created from V
CC to ground. This conduction path leads to
the increased I
CC current seen in the ICC vs. VIN curve (figure 22). When the input is at either rail, the input
structure no longer conducts. Most I
CC testing is done with all of the inputs tied to either VCC or ground. If
the inputs are allowed to float, they will typically float to the middle of the transition region, and the input
structure will conduct an order of magnitude more current than the actual I
CC of the device under test which
is being measured by the tester.
When testing the I
CC of a CMOS HD74AC245/HD74ACT245, problems can arise depending upon how the
test is conducted. Note the structure of the HD74AC245/HD74ACT245’s I/O pins illustrated figure 23.
10.00
0.00
0.00
5.00
VIN(V)
Figure 22 I
CC versus IIN
Drive Enable
I/O PAD
I/O PAD
Figure 23 HD74AC245/HD74ACT245 I/O Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com