Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74AC Datasheet HTML 1Page - Hitachi Semiconductor HD74AC Datasheet HTML 2Page - Hitachi Semiconductor HD74AC Datasheet HTML 3Page - Hitachi Semiconductor HD74AC Datasheet HTML 4Page - Hitachi Semiconductor HD74AC Datasheet HTML 5Page - Hitachi Semiconductor HD74AC Datasheet HTML 6Page - Hitachi Semiconductor HD74AC Datasheet HTML 7Page - Hitachi Semiconductor HD74AC Datasheet HTML 8Page - Hitachi Semiconductor HD74AC Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
FACT Descriptions and Family Characteristics
4
1.7.2 Dynamic Output Drive
Traditionally, in order to predict what incident wave voltages would occur in a system, the designer was
required to do an output analysis using a Bergeron diagram. Not only is this a long and time-consuming
operation, but the designer needed to depend upon the accuracy and reliability of the manufacturer-supplied
‘typical’ output I/V curve. Additionally, there was no way to guarantee that any supplied device would
meet these ‘typical’ performance values across the operating voltage and temperature limits. Hitachi has
taken the necessary steps to guarantee incident wave switching on transmission lines with impedances as
low as 50
Ω.
Figure 2 shows a Bergerton diagram for switching both high-to-low and low-to-high. On the right side of
the graph (I
out > 0), are the VOH and IIH curves for FACT logic while on the left side (Iout < 0), are the curves
for V
OL and IIL. Although we will only discuss here the low-to-high transition, the information presented
may be applied to a high-to-low transition.
0
Current (A)
0.1
0.2
–0.1
–0.2
–2
–1
0
1
2
3
4
5
6
7
VOH/IOH
HIGH-to-LOW
LOW-to-HIGH
Line 1
Slope = 50
Ω
Line 2
Slope = 50
Ω
VIN/IIN
VOL/IOL
Figure 2 Gate Driving 50
Ω Line Reflection Diagram
Begin analysis at the V
OL (quiescent) point. This is the intersection of the VOL/IOL curve for the output and
the V
IN/IIN curve for the input. For CMOS inputs and outputs, this point will be approximately 100 mV.
Then draw a 50
Ω load line from this intersection to the V
OH/IOH curve as shown by Line 1. This
intersection is the voltage that the incident wave will have. Here it occurs at approximately 3.95 V. Then
draw a line with a slope of –50
Ω from this first intersection point to the V
IN/IIN curve as shown by Line 2.
This second intersection will be the first reflection back from the input gate. Continue this process of
drawing the load line from each intersection to the next. Lines terminating on the V
OH/IOH curve should
have positive slopes while lines terminating on the V
IN/IIN curve should have negative slopes.
Each intersection point predicts the voltage of each reflected wave on the transmission line. Intersection
points on the V
OH/IOH curve will be waves travelling from the driver to the receiver while intersection points
on the V
IN/IIN curve will be waves travelling from the receiver to the driver.
Figure 3 and 4 show the resultant waveforms. Each division on the time scale represents the propagation
delay of the transmission line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com