Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFPS40N50L Datasheet (PDF) - International Rectifier

Part # IRFPS40N50L
Description  Power MOSFET(Vdss=500V, Rds(on)typ.=0.087ohm, Id=46A)
File Size   111.42 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFPS40N50L Datasheet (PDF) - International Rectifier



Similar Part No. - IRFPS40N50L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFPS40N50L VISHAY-IRFPS40N50L Datasheet
163Kb / 8P
Power MOSFET
21-Jul-08
IRFPS40N50L VISHAY-IRFPS40N50L Datasheet
191Kb / 9P
Power MOSFET
07-Feb-11
logo
Inchange Semiconductor ...
IRFPS40N50L ISC-IRFPS40N50L Datasheet
347Kb / 2P
isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFPS40N50LPBF IRF-IRFPS40N50LPBF Datasheet
152Kb / 8P
HEXFET짰Power MOSFET
logo
Vishay Siliconix
IRFPS40N50LPBF VISHAY-IRFPS40N50LPBF Datasheet
163Kb / 8P
Power MOSFET
21-Jul-08
More results


Similar Description - IRFPS40N50L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB17N50L IRF-IRFB17N50L Datasheet
82Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFP17N50L IRF-IRFP17N50L Datasheet
91Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFP17N50LS IRF-IRFP17N50LS Datasheet
118Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFP31N50L IRF-IRFP31N50L Datasheet
95Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.15ohm, Id=31A)
IRFP32N50K IRF-IRFP32N50K Datasheet
94Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A)
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
IRLR3103 IRF-IRLR3103 Datasheet
164Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=0.019ohm, Id=46A??
IRFB17N50LPBF IRF-IRFB17N50LPBF Datasheet
180Kb / 8P
SMPS MOSFET ( VDSS=500V , RDS(on)typ.=0.28廓 , ID=16A )
IRFP32N50KPBF IRF-IRFP32N50KPBF Datasheet
189Kb / 8P
HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.135廓 , ID = 32A )
IRFPS43N50KPBF IRF-IRFPS43N50KPBF Datasheet
130Kb / 8P
HEXFET짰 Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.078廓 , ID = 47A )
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com