Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46121V Datasheet(PDF) 65 Page - Dialog Semiconductor

Part # SLG46121V
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121V Datasheet(HTML) 65 Page - Dialog Semiconductor

Back Button SLG46121V Datasheet HTML 61Page - Dialog Semiconductor SLG46121V Datasheet HTML 62Page - Dialog Semiconductor SLG46121V Datasheet HTML 63Page - Dialog Semiconductor SLG46121V Datasheet HTML 64Page - Dialog Semiconductor SLG46121V Datasheet HTML 65Page - Dialog Semiconductor SLG46121V Datasheet HTML 66Page - Dialog Semiconductor SLG46121V Datasheet HTML 67Page - Dialog Semiconductor SLG46121V Datasheet HTML 68Page - Dialog Semiconductor SLG46121V Datasheet HTML 69Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 98 page
background image
000-0046121--106
Page 64 of 97
SLG46121
11.5 Typical Performance Characteristics
Note: when VDD < 1.8V voltage reference should not exceed 1100 mV.
Figure 29. Typical Input Voltage Offset vs. Voltage Reference at room temperature,
LBW Mode – Disable, Vhys=0 mV, VDD=(1.7 – 5.5) V.
Figure 30. Typical Input Threshold Variation (including Vref variation, ACMP offset) vs.
Voltage reference at room temperature, LBW Mode – Disable, Vhys=0 mV.
-5
-4
-3
-2
-1
0
1
2
3
4
5
50
150
250
350
450
550
650
750
850
950
1050
1150
VOLTAGE REFERENCE (mV)
Upper Limit
Lower Limit
-6%
-4%
-2%
0%
2%
4%
6%
8%
50
150
250
350
450
550
650
750
850
950
1050
1150
VOLTAGE REFERENCE (mV)
Upper Limit @ VDD=(1.8-5.5)V
Lower Limit @ VDD=(1.8-5.5)V
Upper Limit @ VDD=1.7V
Lower Limit @ VDD=1.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com